Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3256 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3256
Description  Low-cost LED driver for an A19 lamp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3256 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3256 Datasheet HTML 2Page - STMicroelectronics AN3256 Datasheet HTML 3Page - STMicroelectronics AN3256 Datasheet HTML 4Page - STMicroelectronics AN3256 Datasheet HTML 5Page - STMicroelectronics AN3256 Datasheet HTML 6Page - STMicroelectronics AN3256 Datasheet HTML 7Page - STMicroelectronics AN3256 Datasheet HTML 8Page - STMicroelectronics AN3256 Datasheet HTML 9Page - STMicroelectronics AN3256 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Performance with LED loads
AN3256
6/23
Doc ID 17790 Rev 1
3
Performance with LED loads
The data in this section was taken with loads consisting of two parallel strings of LEDs. The
driver acts as a current source, the LEDs determine the output voltage.
3.1
Strings of 4 series-connected 1 W white LEDs
At low line input the circuit stops operating when housekeeping power fails to keep the
converter running. The result is that the LEDs flash, at an annoying rate. The line voltage at
which this occurs is noted below.
Dropout to flashing, 88 V (too close to the minimum spec line voltage, 96 V. Strings of 4
LEDs cannot be used without modifying the circuit. Strings of 5 LEDs give sufficient margin).
●
Trace colors:
–
Yellow= line voltage, 50 V/div ref 0
–
Magenta= line current, 100 mA/div ref 0
–
Blue= LED voltage, 5 V/div ref -3 div
–
Green= LED current, 100 mA/div ref -3 div
Table 1.
Performance overline voltage range with 4 LEDs per string
Parameter
20 % low line
10 % low line
Nominal line
10 % high line
Line voltage
95.5
107.7
119.7
132.3
Line current, mA
69.5
65.3
61.8
59.2
Input power, Watts
5.90
5.985
6.015
6.050
Power factor
0.888
0.851
0.815
0.769
Output voltage
12.52
12.53
12.52
12.51
Output current, Amps
0.394
0.398
0.398
0.395
Output power, Watts
4.933
4.987
4.983
4.941
Efficiency
83.6 %
83.3 %
82.8 %
81.7 %
Power loss
0.967
0.998
1.032
1.109
U1 Vcc
11.41
13.37
15.16
16.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com