Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3256 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3256
Description  Low-cost LED driver for an A19 lamp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3256 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3256 Datasheet HTML 6Page - STMicroelectronics AN3256 Datasheet HTML 7Page - STMicroelectronics AN3256 Datasheet HTML 8Page - STMicroelectronics AN3256 Datasheet HTML 9Page - STMicroelectronics AN3256 Datasheet HTML 10Page - STMicroelectronics AN3256 Datasheet HTML 11Page - STMicroelectronics AN3256 Datasheet HTML 12Page - STMicroelectronics AN3256 Datasheet HTML 13Page - STMicroelectronics AN3256 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Performance with LED loads
AN3256
10/23
Doc ID 17790 Rev 1
3.5
Strings of 12 series-connected 1 W white LEDs
Dropout to flashing, 70 V.
●
Trace colors:
–
Yellow = line voltage, 50 V/div ref 0
–
Magenta = line current, 200 mA/div ref 0
–
Blue = LED voltage, 10 V/div ref - 3 div
–
Green = LED current, 100 mA/div ref -3 div
Figure 10.
96 V input, 10 LED load
Figure 11.
132 V input, 10 LED load
Table 5.
Performance overline voltage range with 12 LEDs per string
Parameter
20 % low line
10 % low line
Nominal line
10 % high line
Line voltage
95.7
107.8
120.2
132.5
Line current, mA
170.3
157.1
144.8
134.6
Input power, Watts
15.09
15.32
15.44
15.46
Power factor
0.923
0.905
0.886
0.868
Output voltage
37.17
37.14
37.13
37.10
Output current, Amps
0.369
0.374
0.375
0.373
Output power, Watts
13.716
13.89
13.92
13.84
Efficiency
90.9 %
90.7 %
90.2 %
89.5 %
Power loss, Watts
1.374
1.430
1.520
1.620
U1 Vcc
15.74
16.48
16.86
17.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com