Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3256 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3256
Description  Low-cost LED driver for an A19 lamp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3256 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3256 Datasheet HTML 1Page - STMicroelectronics AN3256 Datasheet HTML 2Page - STMicroelectronics AN3256 Datasheet HTML 3Page - STMicroelectronics AN3256 Datasheet HTML 4Page - STMicroelectronics AN3256 Datasheet HTML 5Page - STMicroelectronics AN3256 Datasheet HTML 6Page - STMicroelectronics AN3256 Datasheet HTML 7Page - STMicroelectronics AN3256 Datasheet HTML 8Page - STMicroelectronics AN3256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
September 2010
Doc ID 17790 Rev 1
1/23
AN3256
Application note
Low-cost LED driver for an A19 lamp
Introduction
This application note describes a prototype of a non-dimmable, non-isolated LED driver.
The physical design is small enough to fit in the base of an A19 (screw bases 40 to 60 W
equivalent) bulb outline. The coupled inductor has a stepdown winding to power the L6562A
PFC driver.
The design goals:
■ Input: 96-132VAC, 60 Hz, non-dimmable, TRIAC dimmer safe (no damage)
■ Output: 370 mA into strings of 5 to 12 LEDs
■ Topology: stepdown (buck) switching regulator
■ Features: regulation of LED current, power factor acceptable for US market for residential
use, excellent efficiency
ST devices:
■ PFC controller: L6562A
■ Switching FET: STD5NM50
■ Flywheel diode: STTH1R04
Figure 1.
Physical envelope
Figure 2.
Image
www.st.com


Similar Part No. - AN3256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3250 STMICROELECTRONICS-AN3250 Datasheet
596Kb / 16P
M24LR64-R Multi-bank reference design description and settings
23-Jul-2010
AN3254 STMICROELECTRONICS-AN3254 Datasheet
661Kb / 24P
SPI protocol for the STPMC1 metering device
19-Nov-2010
AN3255 STMICROELECTRONICS-AN3255 Datasheet
464Kb / 24P
Building an RFID short-range reader using the STM8S-DISCOVERY
12-Oct-2010
AN3258 STMICROELECTRONICS-AN3258 Datasheet
180Kb / 16P
Local interconnect network
05-Oct-2010
AN3259 STMICROELECTRONICS-AN3259 Datasheet
334Kb / 25P
RS232 communications with a terminal using the STM8S-DISCOVERY
06-Dec-2010
More results

Similar Description - AN3256

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4414 SIPEX-SP4414 Datasheet
137Kb / 14P
Low Cost Electroluminescent Lamp Driver
logo
Hamamatsu Corporation
L8957 HAMAMATSU-L8957 Datasheet
111Kb / 2P
Low cost LED ideal for optical encoders
logo
Micro Electronics
MLD571 MICRO-ELECTRONICS-MLD571 Datasheet
78Kb / 2P
ONE LAMP/LED DRIVER
logo
Hamamatsu Corporation
L8957 HAMAMATSU-L8957_07 Datasheet
88Kb / 2P
Low cost LED ideal for optical encoders
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
Cost effective 3W LED driver for consumer applications
logo
NXP Semiconductors
SSL2115X NXP-SSL2115X Datasheet
133Kb / 15P
Low-cost non-dimmable LED driver IC
Rev. 2-7 June 2012
logo
STMicroelectronics
STEVAL-ILL034V1 STMICROELECTRONICS-STEVAL-ILL034V1 Datasheet
170Kb / 4P
LED driver for an A19 lamp based on the L6562A for USA market
25-Nov-2010
logo
PARA LIGHT ELECTRONICS ...
E27F8WCWE0-A19C1 PARALIGHT-E27F8WCWE0-A19C1 Datasheet
247Kb / 6P
LED A19 E27 Light Bulb
logo
TRINAMIC Motion Control...
TMC248 TRINAMIC-TMC248 Datasheet
1Mb / 40P
Low-cost stepper driver
logo
Shanghai Yuxin Electron...
YX8182 SHININGIC-YX8182 Datasheet
144Kb / 2P
Solar LED lamp driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com