Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3290 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3290
Description  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 6Page - STMicroelectronics AN3290 Datasheet HTML 7Page - STMicroelectronics AN3290 Datasheet HTML 8Page - STMicroelectronics AN3290 Datasheet HTML 9Page - STMicroelectronics AN3290 Datasheet HTML 10Page - STMicroelectronics AN3290 Datasheet HTML 11Page - STMicroelectronics AN3290 Datasheet HTML 12Page - STMicroelectronics AN3290 Datasheet HTML 13Page - STMicroelectronics AN3290 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Test board design and evaluation
AN3290
10/34
Doc ID 18038 Rev 1
Figure 5.
ALTAIR04-900 power supply: transformer characteristics
Table 3.
ALTAIR04-900 power supply: transformer characteristics
Core
E16
Primary inductance
2 mH
Leakage inductance
1.42% nom.
Primary winding
7.68 ± 5%
Np1
111 turns
Np2
55 turns
Ns1
13 turns
Ns2
6 turns
Naux
17 turns
Primary to auxiliary turn ratio
5.59 ± 5%
Primary saturation current
550 mA (@ 100 °C)
Insulation primary-secondary
AC 3 kV (1 s – 2 mA)
Npri
Nsec2
Naux
Nsec1
1
3
5
4
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com