Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3290 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3290
Description  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 25Page - STMicroelectronics AN3290 Datasheet HTML 26Page - STMicroelectronics AN3290 Datasheet HTML 27Page - STMicroelectronics AN3290 Datasheet HTML 28Page - STMicroelectronics AN3290 Datasheet HTML 29Page - STMicroelectronics AN3290 Datasheet HTML 30Page - STMicroelectronics AN3290 Datasheet HTML 31Page - STMicroelectronics AN3290 Datasheet HTML 32Page - STMicroelectronics AN3290 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AN3290
Modifications for ultra wide-range operations
Doc ID 18038 Rev 1
29/34
7
Modifications for ultra wide-range operations
Although the board has been developed in wide-range up to 264 VAC, it can be easily
modified in order to sustain ultra wide-range operation, up to 440 VAC, with minimum parts
modification, thanks to the 900 V rated power section BVDss of the ALTAIR04-900.
In Figure 33 the modified schematic is shown; the modifications mainly involve the input
stage, which must be designed in order to meet the 440 VAC operations. Also the diodes D3,
D4, and D5 must be replaced in order to sustain the higher peak reverse voltage. No
modifications are needed for the transformer and the IC.
The modified components are listed in the bill of material in Table 4; for other parts not
specified in this table, the bill of material in Table 2 is still valid.
Figure 33.
Electrical schematic for 440 VAC input voltage option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com