Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3290 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3290
Description  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 26Page - STMicroelectronics AN3290 Datasheet HTML 27Page - STMicroelectronics AN3290 Datasheet HTML 28Page - STMicroelectronics AN3290 Datasheet HTML 29Page - STMicroelectronics AN3290 Datasheet HTML 30Page - STMicroelectronics AN3290 Datasheet HTML 31Page - STMicroelectronics AN3290 Datasheet HTML 32Page - STMicroelectronics AN3290 Datasheet HTML 33Page - STMicroelectronics AN3290 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Modifications for ultra wide-range operations
AN3290
30/34
Doc ID 18038 Rev 1
Note:
If not otherwise specified, all resistors are 5%, ¼ W.
Table 4.
ALTAIR04-900 power supply: bill of material for 440 VAC input voltage
option
Reference
Part
Description
Note
R10, R11
6.8 M
Ω
C3, C18
47 µF 350 V electrolytic
C16, C17
22 nF - X2
D3
STTH108
Ultra-fast high voltage diode
STMicroelectronics
D4
STPS1L60A
Power Schottky diode
STMicroelectronics
D5
STPS1150
Power Schottky diode
STMicroelectronics
PD
DBLS208G RD
Input bridge rectifier
Taiwan Semiconductor
NTC1, NTC2
B57236S0100M
10
Ω NTC inrush current limiter
EPCOS
RV1
B72214S0461K
460 V Varistor
EPCOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com