Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3360 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3360
Description  This application note describes the demonstration board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3360 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3360 Datasheet HTML 2Page - STMicroelectronics AN3360 Datasheet HTML 3Page - STMicroelectronics AN3360 Datasheet HTML 4Page - STMicroelectronics AN3360 Datasheet HTML 5Page - STMicroelectronics AN3360 Datasheet HTML 6Page - STMicroelectronics AN3360 Datasheet HTML 7Page - STMicroelectronics AN3360 Datasheet HTML 8Page - STMicroelectronics AN3360 Datasheet HTML 9Page - STMicroelectronics AN3360 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Test board design and evaluation
AN3360
6/16
Doc ID 018586 Rev 2
Table 2.
STEVAL-ILL037V1 demonstration board bill of material
Reference
Part
Note
BD1
BR81D
C1
1000 µF_DIP
C2
1 nF_1206
C3,C4
4.7 µF_DIP
C5
2.2 nF_DIP
C6
22 µF_1206
X5R
C7
6.8 nF
X7R
C8
470 nF
X7R
C9
22 nF
X7R
C10
470 nF
X7R
D1
STPS1H100U
STMicroelectronics
D2
STTH1L06_SMB
STMicroelectronics
D3
1N4148
CHENMKO
F1
1A_DIP
L1
22 µH_DIP
R1
110 k
Ω_1206
5%
R2
150 k
Ω_1206
5%
R4
5.6
Ω_1206
1%
R5
3.9
Ω_1206
1%
R6
3.9 k
Ω
1%
R7
12 k
Ω
1%
R8
NC
R9
33 k
Ω
1%
R10
10
Ω_1206
5%
T1
QEE13
Yu-Jing
U1
HVLED805
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com