Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3360 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3360
Description  This application note describes the demonstration board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3360 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3360 Datasheet HTML 1Page - STMicroelectronics AN3360 Datasheet HTML 2Page - STMicroelectronics AN3360 Datasheet HTML 3Page - STMicroelectronics AN3360 Datasheet HTML 4Page - STMicroelectronics AN3360 Datasheet HTML 5Page - STMicroelectronics AN3360 Datasheet HTML 6Page - STMicroelectronics AN3360 Datasheet HTML 7Page - STMicroelectronics AN3360 Datasheet HTML 8Page - STMicroelectronics AN3360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2011
Doc ID 018586 Rev 2
1/16
AN3360
Application note
3.2 W LED power supply based on HVLED805
Introduction
This application note describes the demonstration board of the all-primary sensing switching
regulator HVLED805 and presents the results of its bench evaluation. The board
implements a 3.2 W (16 V / 0.2 A) wide range mains LED power supply with constant
current.
HVLED805 combines a high-performance low-voltage PWM controller chip and an 800 V
avalanche rugged power MOSFET in the same package. The PWM chip is a quasi-resonant
(QR) current mode controller IC specifically designed for QR ZVS (zero voltage switching at
switch turn-on) flyback converters. The device provides constant output current (CC)
regulation using primary sensing feedback. This eliminates the need for the optocoupler, the
secondary voltage reference, and also the current sensor, while still maintaining quite
accurate regulation. The device can provide a constant output voltage regulation (CV). This
makes the application able to work safely when the LED string opens due to a failure.
However, an auxiliary winding is required in the transformer to correctly perform CV/CC
regulation, the chip is able to power itself directly from the rectified mains. This is useful
during CC regulation, where the flyback voltage generated by the winding drops.
Figure 1.
STEVAL-ILL037V1 demonstration board image
www.st.com


Similar Part No. - AN3360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3361 STMICROELECTRONICS-AN3361 Datasheet
142Kb / 15P
Schottky diode avalanche performance in automotive applications
09-Sep-2011
AN3364 STMICROELECTRONICS-AN3364 Datasheet
133Kb / 17P
Migration and compatibility guidelines for STM32 microcontroller applications
30-May-2012
More results

Similar Description - AN3360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
This application note describes the STEVAL-CCA027V1 demonstration
01-Oct-2012
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN3032 STMICROELECTRONICS-AN3032 Datasheet
1Mb / 26P
This application note describes a demonstration board able to drive
14-Jun-2010
AN3040 STMICROELECTRONICS-AN3040 Datasheet
698Kb / 27P
This application note describes a demonstration board able to drive
11-Jun-2010
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN4027 STMICROELECTRONICS-AN4027 Datasheet
2Mb / 41P
This application note describes the EVL6699-150W-SR demonstration
07-Apr-2014
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
This application note describes the demonstration board EVL4984-350W
20-Jun-2013
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com