Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3360 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3360
Description  This application note describes the demonstration board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3360 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3360 Datasheet HTML 4Page - STMicroelectronics AN3360 Datasheet HTML 5Page - STMicroelectronics AN3360 Datasheet HTML 6Page - STMicroelectronics AN3360 Datasheet HTML 7Page - STMicroelectronics AN3360 Datasheet HTML 8Page - STMicroelectronics AN3360 Datasheet HTML 9Page - STMicroelectronics AN3360 Datasheet HTML 10Page - STMicroelectronics AN3360 Datasheet HTML 11Page - STMicroelectronics AN3360 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Transformer specification
AN3360
8/16
Doc ID 018586 Rev 2
2
Transformer specification
Figure 6.
EEE13-11 vertical type for under 10 W
Note:
Class B insulation system: SB14.2
●
With standing voltage:
–
1.0 kV/1 sec/AC/5 mA, primary to secondary
–
0.5 kV/1 sec/AC/3 mA, primary to core
–
1.0 kV/1 sec/AC/3 mA, secondary to core
●
Manufacturer:
–
Yu-Jing Technology Co., LTD www.yujingtech.com.tw
–
Inductor P/N: 11999-310V600110 (EEE13-11V)
Table 3.
Transformer specification
Core spec-EEE13
Ae
36.7 mm2
Le
27 mm
AW
2.5 mm*4.8 mm
Wiring spec. for flyback 16 V output
No.
Start
Finish
Wire
Winding
Turns
Inductance
LK inductance
L1
3
1
0.2
Φ*1C
Primary
72
1.9 mH
±10%
31 µH ref.
L2
9
7
0.35
Φ*1C
Secondary
15
96 µH
±10%
L3
4
5
0.2
Φ*1C
AUX
20
85 µH ref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com