Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3401 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3401
Description  The SPV1001 and SPV1002 are system-in-package solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3401 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3401 Datasheet HTML 8Page - STMicroelectronics AN3401 Datasheet HTML 9Page - STMicroelectronics AN3401 Datasheet HTML 10Page - STMicroelectronics AN3401 Datasheet HTML 11Page - STMicroelectronics AN3401 Datasheet HTML 12Page - STMicroelectronics AN3401 Datasheet HTML 13Page - STMicroelectronics AN3401 Datasheet HTML 14Page - STMicroelectronics AN3401 Datasheet HTML 15Page - STMicroelectronics AN3401 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Test results and device comparison
AN3401
12/18
Doc ID 018842 Rev 1
7.2
Devices soldered on the PCB at ambient temperature
Figure 11.
Power dissipation vs. Iak
Figure 12.
Junction temp vs. Iak
Schottky
20A
Schottky
30A
SPV1002
SPV1001
0
1
2
3
4
5
6
0123
456789
10
11
12
13
14
15
Pak (W)
Iak
(A)
Power Dissipation vs Iak
Schottky
20A
SPV1001
Schottky
30A
SPV1002
0
20
40
60
80
100
120
140
160
01
23
45
67
89
10
11
12
13
14
15
TEMP (C)
Iak
(A)
Junction Temp vs Iak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com