Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3401 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3401
Description  The SPV1001 and SPV1002 are system-in-package solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3401 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3401 Datasheet HTML 10Page - STMicroelectronics AN3401 Datasheet HTML 11Page - STMicroelectronics AN3401 Datasheet HTML 12Page - STMicroelectronics AN3401 Datasheet HTML 13Page - STMicroelectronics AN3401 Datasheet HTML 14Page - STMicroelectronics AN3401 Datasheet HTML 15Page - STMicroelectronics AN3401 Datasheet HTML 16Page - STMicroelectronics AN3401 Datasheet HTML 17Page - STMicroelectronics AN3401 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Test results and device comparison
AN3401
14/18
Doc ID 018842 Rev 1
7.4
Devices soldered on the PCB at 105 °C chamber temperature
(junction box)
Figure 15.
Power dissipation @ 105 °C vs. Iak
Figure 16.
Junction temp. @ 105 °C vs. Iak
Schottky
20A
Schottky
30A
SPV1001
SPV1002
0.0
0.5
1.0
1.5
2.0
2.5
012
34
567
89
10
Pak (W)
Iak (A)
Power Dissipation @ 105 C vs Iak
Schottky
20A
Schottky
30A
SPV1001
SPV1002
100
110
120
130
140
150
0123
456789
10
TEMP (C)
Iak
(A)
Junction Temp @ 105 C vs Iak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com