Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3973 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3973
Description  Electronic ballast with active PFC using
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3973 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3973 Datasheet HTML 6Page - STMicroelectronics AN3973 Datasheet HTML 7Page - STMicroelectronics AN3973 Datasheet HTML 8Page - STMicroelectronics AN3973 Datasheet HTML 9Page - STMicroelectronics AN3973 Datasheet HTML 10Page - STMicroelectronics AN3973 Datasheet HTML 11Page - STMicroelectronics AN3973 Datasheet HTML 12Page - STMicroelectronics AN3973 Datasheet HTML 13Page - STMicroelectronics AN3973 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DC-AC converter
AN3973
10/24
Doc ID 022164 Rev 1
3
DC-AC converter
The electronic ballast consists of a self-oscillating voltage-fed half bridge inverter, which has
been developed to drive two lamps of 28 W. One of the key components is the
STD845DN40 power bipolar transistor. It is a dual NPN high voltage power transistor and is
housed in dual-island DIP-8 package. This package solution allows to save layout area and
its driving circuit has been optimized so that the thermal performance is not too different to
that of a single transistor. The second of the key components is the possibility to use, for
bipolar transistors, a DIP-8 or SOT-82 package solution.
Figure 5.
DC-AC converter section
The DC-AC converter section has been realized according to customer indications. The
ballast coil L3/L5 (3.7 mH) and the saturable core transformer L4 (20 µH) were given by the
customer and in relation to this, all the other passive and active elements have been
selected. In particular, the design has been realized so that the lamp voltage is 180 V and
the lamp current about 0.15 A. The following design procedure is suggested for resonant
components and for proper operation of the self-oscillating inverter.
Considering first the given set of specifications: VBUS=400 V, output current IOUT=0.15 A,
ballast coil L3/L5=3.7 mH, core saturable transformer L4=20 µH and, more specifically, the
lamp resistance (R
≈1160 Ω).
The RMS input voltage can be calculated from:
Equation 2
The value of the desired characteristic impedance is extracted:
π
=
2
V
V
BUS
RMS
_
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com