Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3973 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3973
Description  Electronic ballast with active PFC using
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3973 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3973 Datasheet HTML 16Page - STMicroelectronics AN3973 Datasheet HTML 17Page - STMicroelectronics AN3973 Datasheet HTML 18Page - STMicroelectronics AN3973 Datasheet HTML 19Page - STMicroelectronics AN3973 Datasheet HTML 20Page - STMicroelectronics AN3973 Datasheet HTML 21Page - STMicroelectronics AN3973 Datasheet HTML 22Page - STMicroelectronics AN3973 Datasheet HTML 23Page - STMicroelectronics AN3973 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Reference
AN3973
22/24
Doc ID 022164 Rev 1
9
Reference
1.
AN2761 application note
4
D3/D4/D12/D13
1N4148
5
D5/D6/D7/D8/D11
1N4007
1D16
Zener
2RT1/RT2
PTC
1
NTC
2.5
1
T2
18 mH filter inductance
1
T1
1.8 mH 0.5 A
1
L4
20 µH
2
L3/L5
3.7 mH
1
U3
L6562A
1
Q1
STD3N62K3
1
Q8 1-2 bipolar
STD845DN40
Table 4.
Bill of material (continued)
Quantity
Reference
Part/value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com