Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3973 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3973
Description  Electronic ballast with active PFC using
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3973 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3973 Datasheet HTML 9Page - STMicroelectronics AN3973 Datasheet HTML 10Page - STMicroelectronics AN3973 Datasheet HTML 11Page - STMicroelectronics AN3973 Datasheet HTML 12Page - STMicroelectronics AN3973 Datasheet HTML 13Page - STMicroelectronics AN3973 Datasheet HTML 14Page - STMicroelectronics AN3973 Datasheet HTML 15Page - STMicroelectronics AN3973 Datasheet HTML 16Page - STMicroelectronics AN3973 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN3973
DC-AC converter
Doc ID 022164 Rev 1
13/24
Resonant circuit frequency:
Equation 6
3.1.3
Steady-state phase
Once the tubes are ionized, it is effectively a short-circuit across C10 + C11. The inverter
system sets the voltage and current shape so that the lamp correctly operates.
Therefore, the frequency is defined by C15 and so is lower than the ignition phase. At this
frequency, the overvoltage generated is also lower, but enough to keep the tube lit. During
steady-state, when the transistor is first turned on, the current in the transformer L4
increases until its core saturates. At this point, after the storage time of the transistor has
passed, it turns off. In this way, the operating frequency also depends on the size and
maximum flux density of the core of L4 and the storage times of the transistor.
)
C
C
(
L
2
1
f
10
10
3
r
+
π
=
Figure 10.
Voltage and current lamp
waveforms
Figure 11.
Zoom of the highlighted section (in
Figure 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com