Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4140 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4140
Description  STLD41 output power capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4140 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4140 Datasheet HTML 2Page - STMicroelectronics AN4140 Datasheet HTML 3Page - STMicroelectronics AN4140 Datasheet HTML 4Page - STMicroelectronics AN4140 Datasheet HTML 5Page - STMicroelectronics AN4140 Datasheet HTML 6Page - STMicroelectronics AN4140 Datasheet HTML 7Page - STMicroelectronics AN4140 Datasheet HTML 8Page - STMicroelectronics AN4140 Datasheet HTML 9Page - STMicroelectronics AN4140 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Component calculation
AN4140
6/17
Doc ID 023412 Rev 1
4
Component calculation
4.1
CIN selection
It is recommended to use 10 µF as the input capacitor to achieve good stability of the device
and low noise on the VIN track.
4.2
COUT selection
It is recommended to use 2.2 µF as the optimal value of the output capacitor to get the best
compromise between output voltage ripple and load transient response.
4.3
RSENSE value
RSENSE = VREF / ILED
RSENSE sensing resistor
VREF reference voltage = 160 mV typical
ILED total LED output current
PRSENSE = RSENSE * ILED²
PRSENSE power dissipation of the sensing resistor
4.4
Inductor selection
A thin shielded inductor with a low DC series resistance of winding is recommended for this
application. To achieve a good efficiency in step-up mode, it is recommended to use an
inductor with a DC series resistance RDCL = RD / 10 [Ω, Ω, 1], where RD is the dynamic
resistance of the LED.
Equation 1
Table 2.
RSENSE calculated values
ILED
100
150
200
250
300
350
400
RSENSE
1.6
Ω
1.1
Ω
0.8
Ω
0.65
Ω
0.55
Ω
0.45
Ω
0.4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com