Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4140 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4140
Description  STLD41 output power capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4140 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4140 Datasheet HTML 1Page - STMicroelectronics AN4140 Datasheet HTML 2Page - STMicroelectronics AN4140 Datasheet HTML 3Page - STMicroelectronics AN4140 Datasheet HTML 4Page - STMicroelectronics AN4140 Datasheet HTML 5Page - STMicroelectronics AN4140 Datasheet HTML 6Page - STMicroelectronics AN4140 Datasheet HTML 7Page - STMicroelectronics AN4140 Datasheet HTML 8Page - STMicroelectronics AN4140 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
August 2012
Doc ID 023412 Rev 1
1/17
AN4140
Application note
STLD41 output power capability
Introduction
This application note is dedicated to the output power capability of the STLD41, which is a
white LED driver for display backlight. The schematic, functional description and external
components selection are also discussed in this application note.
Detailed behavior, if different LED counts on the output and different currents through LEDs
are used, is also shown.
www.st.com


Similar Part No. - AN4140

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
1-ch Motor drive IC
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
2-ch Motor drive IC
More results

Similar Description - AN4140

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F32 ATMEL-AT17F32_14 Datasheet
253Kb / 14P
3.3V Output Capability
logo
M.S. Kennedy Corporatio...
MSK4364 MSK-MSK4364_15 Datasheet
193Kb / 7P
5 Amp Output Switch Capability
MSK4460 MSK-MSK4460_15 Datasheet
138Kb / 7P
10 Amp Output Switch Capability
logo
Maxim Integrated Produc...
MAX30102 MAXIM-MAX30102 Datasheet
938Kb / 34P
Fast Data Output Capability
Rev 0; 9/15
logo
Vincotech
10-F007NIA030SM-P965F39 VINCOTECH-10-F007NIA030SM-P965F39 Datasheet
322Kb / 9P
Reactive power capability
10-FZ06NRA045FH01 VINCOTECH-10-FZ06NRA045FH01 Datasheet
2Mb / 27P
reactive power capability
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
6A Output Current Capability
11/07/16
logo
Analog Devices
HMC415LP3 AD-HMC415LP3 Datasheet
416Kb / 8P
Power Down Capability
logo
STMicroelectronics
STPTIC-68G2 STMICROELECTRONICS-STPTIC-68G2 Datasheet
471Kb / 11P
High power capability
09-Jul-2015
logo
Texas Instruments
XIO1100 TI1-XIO1100_18 Datasheet
400Kb / 37P
Low-Power Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com