Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4140 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4140
Description  STLD41 output power capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4140 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4140 Datasheet HTML 6Page - STMicroelectronics AN4140 Datasheet HTML 7Page - STMicroelectronics AN4140 Datasheet HTML 8Page - STMicroelectronics AN4140 Datasheet HTML 9Page - STMicroelectronics AN4140 Datasheet HTML 10Page - STMicroelectronics AN4140 Datasheet HTML 11Page - STMicroelectronics AN4140 Datasheet HTML 12Page - STMicroelectronics AN4140 Datasheet HTML 13Page - STMicroelectronics AN4140 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Output power capability
AN4140
10/17
Doc ID 023412 Rev 1
5.3
With the LPS6235473MLB inductor
Figure 5.
Current capability with the LPS6235473MLB
AM12754v1
3
3.4
3.8
4.2
4.6
8
20
3
3.4
3.8
4.2
4.6
5
3
3.4
4.2
4.6
5
6
7
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
2.5
5.0
10.0
20.0
V
IN [V]
Iout = 100 mA
Iout = 150 mA
Iout = 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com