Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0756 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0756 Datasheet HTML 1Page - STMicroelectronics UM0756 Datasheet HTML 2Page - STMicroelectronics UM0756 Datasheet HTML 3Page - STMicroelectronics UM0756 Datasheet HTML 4Page - STMicroelectronics UM0756 Datasheet HTML 5Page - STMicroelectronics UM0756 Datasheet HTML 6Page - STMicroelectronics UM0756 Datasheet HTML 7Page - STMicroelectronics UM0756 Datasheet HTML 8Page - STMicroelectronics UM0756 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
October 2009
Doc ID 16031 Rev 1
1/28
UM0756
User manual
STEVAL-ICB003V1 front panel demonstration board
based on the STLED316S and the STMPE1208S
Introduction
This document explains the functioning of the STEVAL-ICB003V1 demonstration board,
which represents a general purpose front panel solution utilizing an STLED316S LED driver,
STMPE1208S capacitive touch sensor and an STM8 series microcontroller (STM8S207K6).
The basic idea is to develop a generic front panel for white goods in general. Some features
such as quadrature rotary encoder interface, power management feature and a logic level
input for water level sensor have also been provided to increase versatility.
The objective of this demonstration board is to display the capabilities of STLED316S and
STMPE1208S for a sophisticated front panel to address the market segment of front panels
for DVD players, DVD recorders, set-top boxes, washing machines and many more, while
keeping system cost as low as possible. The system design focuses on 3 key areas -
standby management for low power consumption, general touch key as well as rotary
encoder input and a water level sensing which accepts a 38 - 43 kHz output from a water
level sensor.
All user I/O is handled by the STLED316S inputs only, with little MCU overhead. For
example, rotary encoder, buzzer and water level sensor inputs are handled by the
STLED316S only, without consuming MCU resources.
In the sections that follow, the operation of the system is explained. Once the board is
connected to the power supply, the system is ready to perform operations.
Figure 1.
STEVAL-ICB003V1 front panel demonstration board
www.st.com


Similar Part No. - UM0756

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0759 STMICROELECTRONICS-UM0759 Datasheet
1Mb / 26P
L9958 evaluation board and graphical user interface
19-Sep-2013
More results

Similar Description - UM0756

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI115V1 STMICROELECTRONICS-STEVAL-MKI115V1 Datasheet
93Kb / 4P
Bluetooth extension demonstration board for STEVAL-MKI109V1
06-Sep-2011
STEVAL-MKI119V1 STMICROELECTRONICS-STEVAL-MKI119V1 Datasheet
184Kb / 6P
eMotion Win8: STEVAL-MKI109V2 STEVAL-MKI108V2 demonstration board
03-Nov-2011
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN4146 STMICROELECTRONICS-AN4146 Datasheet
3Mb / 30P
STSmartVoice demonstration board STEVAL-MKI126Vx
22-Mar-2013
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
The STEVAL-ILL044V1 demonstration board showcases
28-Jun-2013
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
The STEVAL-IFP006V1 demonstration board has been developed
20-May-2009
UM0582 STMICROELECTRONICS-UM0582 Datasheet
1Mb / 24P
STEVAL-TLL005V1 power flash demonstration board
08-Jun-2009
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
STEVAL-ISA081V1 demonstration board based
08-Jun-2012
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
This document describes the STEVAL-SPBT3ATV3 demonstration board
21-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com