Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0756 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 10Page - STMicroelectronics UM0756 Datasheet HTML 11Page - STMicroelectronics UM0756 Datasheet HTML 12Page - STMicroelectronics UM0756 Datasheet HTML 13Page - STMicroelectronics UM0756 Datasheet HTML 14Page - STMicroelectronics UM0756 Datasheet HTML 15Page - STMicroelectronics UM0756 Datasheet HTML 16Page - STMicroelectronics UM0756 Datasheet HTML 17Page - STMicroelectronics UM0756 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Using the front panel board
UM0756
14/28
Doc ID 16031 Rev 1
4.1.8
RESTORE
When this key is touched the system restores the factory default values for volume, channel
and brightness (see Section 2.5).
4.2
Rotary encoder
The system has a free-running rotary encoder on the board. This encoder can be used to
increase/decrease the volume when the system is in the normal mode, or to
increase/decrease the brightness of the LED display when the system is in brightness
mode.
The encoder can be rotated clockwise or counter-clockwise to increase or decrease the
system parameters.
The free-running rotary encoder can be given countless rotations in any direction. This
encoder gives two square wave outputs which are phase-shifted from each other, and the
type of phase shift gives an indication of the direction of rotation. The number of pulses in
the square wave signal provides the number of rotations (Figure 11).
Figure 11.
Rotary encoder
In this system, the output of the rotary encoder is given to a dual D flip-flop to stabilize and
predefine the default level of the two signals. The output of the flip-flop is provided to the key
inputs of the LED316S device (see schematic in Section 6). Depending on the rotation of
the encoder the two key press interrupts follow the order.
Note:
The decoding of the rotary encoder using the STLED316S device saves the extra I/O of the
FP MCU, which would otherwise detect the sensor input.
Note:
The decoding of the rotary encoder can be done in parallel with the normal working of the
other keys, if these functions are included in the system. In the present system, the rotary
encoder is decoded along with the water level measurement, which is also connected at the
key inputs of the STLED316S device (see Section 4.3.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com