Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0756 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 6Page - STMicroelectronics UM0756 Datasheet HTML 7Page - STMicroelectronics UM0756 Datasheet HTML 8Page - STMicroelectronics UM0756 Datasheet HTML 9Page - STMicroelectronics UM0756 Datasheet HTML 10Page - STMicroelectronics UM0756 Datasheet HTML 11Page - STMicroelectronics UM0756 Datasheet HTML 12Page - STMicroelectronics UM0756 Datasheet HTML 13Page - STMicroelectronics UM0756 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
System operation modes
UM0756
10/28
Doc ID 16031 Rev 1
3
System operation modes
The system operates in various modes depending on user actions:
3.1
Normal mode
The system operates in normal mode in normal working conditions. In this mode, the user
can increase or decrease the volume level or channel number using the touch keys or the
rotary encoder.
The user can also see the water level by touching the corresponding key. Additionally, the
user can reset the various parameters to the default values by touching the restore key.
3.2
Brightness mode
In this mode, the user can increase or decrease the brightness of the LED display using the
touch keys or the rotary encoder. The brightness level of the display is indicated by the
number of glowing discrete LEDs.
If the system is in normal mode, the user can enter brightness mode by touching the
menu/brgh key.
The system exits brightness mode after 5 seconds, or if any key other than CH++/UP or CH-
-/DOWN is touched.
3.3
Demo mode
In this mode, the system continues demonstrating the various types of brightness variance
options possible with the STLED316S device.
The two different modes are:
●
Constant brightness of all the digits of the STLED316S
●
Variable brightness of all the digits of the STLED316S
The system exits the demo mode if any key is touched.
3.4
Standby mode
In this mode, the front panel is in low power mode and the power of the main host system is
switched off using the on-board relay.
As the front panel is in low power mode, neither any key nor the rotary encoder operates
when the system is in the standby mode.
The system can be put into standby mode by pressing the on-board STDBY switch. The
system comes out of standby on pressing the STDBY switch again. (For details refer to
Section 4.3.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com