Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0971 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 5Page - STMicroelectronics UM0971 Datasheet HTML 6Page - STMicroelectronics UM0971 Datasheet HTML 7Page - STMicroelectronics UM0971 Datasheet HTML 8Page - STMicroelectronics UM0971 Datasheet HTML 9Page - STMicroelectronics UM0971 Datasheet HTML 10Page - STMicroelectronics UM0971 Datasheet HTML 11Page - STMicroelectronics UM0971 Datasheet HTML 12Page - STMicroelectronics UM0971 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
UM0971
Board description
Doc ID 17701 Rev 1
9/45
2.2
Power supply circuit
The STEVAL-IHM031V1 board is designed to work with an input voltage bus ranging from
12 V up to 24 V (nominal values). The bus voltage supplies the three-phase inverter stage.
To allow proper working below the nominal 12 V lower voltage limit, an opportune power
supply stage has been designed, taking into account several aspects, such as:
●
ensuring supply voltage for the gate driver L6387E (+8 V)
●
+5 VDC generation with current capability of 800 mA
●
+3.3 VDC generation with current capability of 800 mA
●
providing externally auxiliary 8 VDC power supply
Figure 3 is a block diagram representation of the power supply stage used for the
STEVAL-IHM031V1 board:
Figure 3.
Power supply block diagram
In a case where the bus voltage input is below nominal voltage (12 VDC), the L4976
regulator is no longer able to provide 8 V voltage level at its output. Nevertheless, it is still
possible to continue using the board by providing an external +8 V voltage through
connector J21.
2.2.1
LD1117xx33 and LD1117xx50 characteristics
The LD1117xx33/50 is a low drop voltage regulator able to provide up to 800 mA of output
current at 3.3 V/5 V output voltage. The main features follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com