Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0971 Datasheet(PDF) 26 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 22Page - STMicroelectronics UM0971 Datasheet HTML 23Page - STMicroelectronics UM0971 Datasheet HTML 24Page - STMicroelectronics UM0971 Datasheet HTML 25Page - STMicroelectronics UM0971 Datasheet HTML 26Page - STMicroelectronics UM0971 Datasheet HTML 27Page - STMicroelectronics UM0971 Datasheet HTML 28Page - STMicroelectronics UM0971 Datasheet HTML 29Page - STMicroelectronics UM0971 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
Descriptions of connectors and jumpers
UM0971
26/45
Doc ID 17701 Rev 1
3.3
Connector description
Table 13.
Connector pinout description
Name
Reference
Description/pinout
J3
Hall sensor/encoder input connector
1 – GND
2 – 5 V DC
3 – Hall3/EncC
4 – Hall2/EncB
5 – Hall1/EncA
J13
Motor phase out connector
1 – phase A
2 – phase B
3 – phase C
CON34
Motor control connector
1 - Emergency stop
3 - MC_UH
5 - MC_UL
7 - MC_VH
9 - MC_VL
11 - MC_WH
13 - MC_WL voltage
15 - Current A
17 - Current B
19 - Current C
21 - NTC bypass relay
23 - dissipative brake
25 - 5 V power
27 - PFC sync
29 - PFC PWM
31 - Encoder A
33 - Encoder B
2 - GND
4 - GND
6 - GND
8 - GND
10 - GND
12 - GND
14 - Bus voltage
16 - GND
18 - GND
20 - GND
22 - GND
24 - GND
26 - Heat. Temp.
28 - 3.3 V power
30 - GND
32 - GND
34 - Encoder Ind.
J22
Board supply connector
1 - +Vbus
2 - GND
J21
Not mounted
8 V auxiliary supply connector
1 - +8 VDC
2 - GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com