Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0971 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 9Page - STMicroelectronics UM0971 Datasheet HTML 10Page - STMicroelectronics UM0971 Datasheet HTML 11Page - STMicroelectronics UM0971 Datasheet HTML 12Page - STMicroelectronics UM0971 Datasheet HTML 13Page - STMicroelectronics UM0971 Datasheet HTML 14Page - STMicroelectronics UM0971 Datasheet HTML 15Page - STMicroelectronics UM0971 Datasheet HTML 16Page - STMicroelectronics UM0971 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
UM0971
Board description
Doc ID 17701 Rev 1
13/45
is enabled to work with voltage rail up to 600 V. The logic inputs are CMOS/TTL compatible
for ease of interfacing with controlling devices. It features:
●
High voltage rail up to 600 V
●
dV/dt immunity ±50 V/nsec in full temperature range
●
Driver current capability:
–
400 mA source
–
650 mA sink
●
Switching times 50/30 nsec rise/fall with 1 nF load
●
CMOS/TTL Schmitt trigger inputs with hysteresis and pull down
●
Internal bootstrap diode
●
Outputs in phase with inputs
●
Interlocking function
Figure 6.
Block diagram
Figure 7 shows, in more detail, the circuit utilized for the turn-on and turn-off of the power
MOSFETs.
Figure 7.
Gate driving network
As can be deduced from Figure 7, during turn-on, power MOSFET gate capacitances are
charged through R1 and R4 (220
Ω) resistors, while turn-off is fastened by the presence of
diode D1 and D2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com