Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD3777 Datasheet(PDF) 4 Page - NEC

Part # UPD3777
Description  5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3777 Datasheet(HTML) 4 Page - NEC

  UPD3777 Datasheet HTML 1Page - NEC UPD3777 Datasheet HTML 2Page - NEC UPD3777 Datasheet HTML 3Page - NEC UPD3777 Datasheet HTML 4Page - NEC UPD3777 Datasheet HTML 5Page - NEC UPD3777 Datasheet HTML 6Page - NEC UPD3777 Datasheet HTML 7Page - NEC UPD3777 Datasheet HTML 8Page - NEC UPD3777 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet S14583EJ1V0DS00
4
µµµµ PD3777
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Output drain voltage
VOD
−0.3 to +15
V
Shift register clock voltage
Vφ 1, Vφ 2, Vφ 1L, Vφ 2L
−0.3 to +8
V
Reset gate clock voltage
Vφ RB
−0.3 to +8
V
Transfer gate clock voltage
Vφ TG1 to Vφ TG3
−0.3 to +8
V
Operating ambient temperature
TA
−25 to +60
°C
Storage temperature
Tstg
−40 to +70
°C
Caution
Exposure to ABSOLUTE MAXIMUM RATINGS for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently.
RECOMMENDED OPERATING CONDITIONS (TA = +25
°°°°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Output drain voltage
VOD
11.4
12.0
12.6
V
Shift register clock high level
Vφ 1H, Vφ 2H, Vφ 1LH, Vφ 2LH
4.5
5.0
5.5
V
Shift register clock low level
Vφ 1L, Vφ 2L, Vφ 1LL, Vφ 2LL
−0.3
0
+0.5
V
Reset gate clock high level
Vφ RBH
4.5
5.0
5.5
V
Reset gate clock low level
Vφ RBL
−0.3
0
+0.5
V
Transfer gate clock high level
Vφ TG1H to Vφ TG3H
4.5
Vφ 1H
Note
Vφ 1H
Note
V
Transfer gate clock low level
Vφ TG1L to Vφ TG3L
−0.3
0
+0.5
V
Data rate
fφ RB
−
1.0
4.0
MHz
Note
When Transfer gate clock high level (Vφ TG1H to Vφ TG3H) is higher than Shift register clock high level (Vφ 1H), Image
lag can increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com