Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD3777 Datasheet(PDF) 1 Page - NEC

Part # UPD3777
Description  5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3777 Datasheet(HTML) 1 Page - NEC

  UPD3777 Datasheet HTML 1Page - NEC UPD3777 Datasheet HTML 2Page - NEC UPD3777 Datasheet HTML 3Page - NEC UPD3777 Datasheet HTML 4Page - NEC UPD3777 Datasheet HTML 5Page - NEC UPD3777 Datasheet HTML 6Page - NEC UPD3777 Datasheet HTML 7Page - NEC UPD3777 Datasheet HTML 8Page - NEC UPD3777 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
MOS INTEGRATED CIRCUIT
µµµµ PD3777
5400 PIXELS
×××× 3 COLOR CCD LINEAR IMAGE SENSOR
DATA SHEET
Document No. S14583EJ1V0DS00 (1st edition)
Date Published December 1999 NS CP (K)
Printed in Japan
The
µ PD3777 is a color CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical
signal and has the function of color separation.
The
µ PD3777 has 3 rows of 5400 pixels, and each row has a double-sided readout type of charge transfer register. And
it has reset feed-through level clamp circuits, a clamp pulse generation circuit and voltage amplifiers. Therefore, it is
suitable for 600 dpi/A4 color image scanners, color facsimiles and so on.
FEATURES
• Valid photocell
: 5400 pixels
× 3
• Photocell’s pitch : 5.25
µ m
• Photocell size
: 5.25
× 5.25
µ m
2
• Line spacing
: 42
µ m (8 lines) Red line - Green line, Green line - Blue line
• Color filter
: Primary colors (red, green and blue), pigment filter (with light resistance 10
7
lx•hour)
• Resolution
: 24 dot/mm A4 (210
× 297 mm) size (shorter side)
:
600 dpi US letter (8.5”
× 11”) size (shorter side)
• Drive clock level : CMOS output under 5 V operation
• Data rate
: 4 MHz MAX.
• Power supply
: +12 V
• On-chip circuits : Reset feed-through level clamp circuits
:
Clamp pulse generation circuit
:
Voltage amplifiers
ORDERING INFORMATION
Part Number
Package
µ PD3777CY
CCD linear image sensor 22-pin plastic DIP (10.16 mm (400))


Similar Part No. - UPD3777

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3777 RENESAS-UPD3777 Datasheet
296Kb / 22P
MOS INTEGRATED CIRCUIT
1999
UPD3777CY RENESAS-UPD3777CY Datasheet
296Kb / 22P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD3777

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8872 NEC-UPD8872 Datasheet
190Kb / 24P
(5400 5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8873 NEC-UPD8873 Datasheet
257Kb / 32P
(5400 짰5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15167EJ4V0DS00 RENESAS-S15167EJ4V0DS00_15 Datasheet
303Kb / 26P
5400 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD8875 RENESAS-PD8875_15 Datasheet
509Kb / 30P
(54005400) PIXELS 횞 3 COLOR (54005400) PIXELS B&W CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com