Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD3777 Datasheet(PDF) 7 Page - NEC

Part # UPD3777
Description  5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3777 Datasheet(HTML) 7 Page - NEC

Back Button UPD3777 Datasheet HTML 3Page - NEC UPD3777 Datasheet HTML 4Page - NEC UPD3777 Datasheet HTML 5Page - NEC UPD3777 Datasheet HTML 6Page - NEC UPD3777 Datasheet HTML 7Page - NEC UPD3777 Datasheet HTML 8Page - NEC UPD3777 Datasheet HTML 9Page - NEC UPD3777 Datasheet HTML 10Page - NEC UPD3777 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
VOUT1 to
VOUT3
RB
φ
2L
φ
1L
φ
Note
Note
Invalid photocell
(3 pixels)
Invalid photocell
(2 pixels)
Valid photocell
(5400 pixels)
Optical black
(49 pixels)
2
φ
1
φ
TG1 to
φ
TG3
φ
TIMING CHART 1 (for each color)
Note Input the
φ RB pulse continuously during this period, too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com