Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4366 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK4366
Description  38 Volt Maximum Operating Motor Supply Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4366 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK4366_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APPLICATION NOTES
MSK 4366 PIN DESCRIPTIONS
3
HALL A - is the Hall A sensor input from the motor to allow com-
mutation of the output phases. This input has a 5KΩ pull-up resis-
tor to +VDD for typical open-collector Hall sensor outputs. It is
also filtered with a 0.001uF capacitor to ground.
HALL B - is the Hall B sensor input from the motor to allow com-
mutation of the output phases. This input has a 5KΩ pull-up resis-
tor to +VDD for typical open collector Hall sensor outputs. It is
also filtered with a 0.001uF capacitor to ground.
HALL C - is the Hall C sensor input from the motor to allow
commutation of the output phases. This input has a 5KΩ pull-up
resistor to +VDD for typical open-collector Hall sensor outputs. It
is also filtered with a 0.001uF capacitor to ground.
+5V - is the main low level digital power for running everything
inside the hybrid, exclusive of the motor supply voltage. This supply
powers the microprocessor and all its support circuitry, as well as
provides the boost converter power for running the gate drive.
GND - is the ground return for the low level digital power. All
microprocessor / support circuitry and gate driver currents return
to this point. For PC board layouts, there should be two ground
planes.One ground plane is for the bypass capacitors and
components that assist in making a clean low level voltage supply.
Digital control inputs should have their returns connected to this
ground. The second ground plane is the main high power ground
used to drive the motor. That ground plane will contain all the large
bypass capacitors for the output stage and the high power main
motor supply. Both ground planes should be connected together at
one point; that connection point should be at this pin. This connection
width should be in the range of 0.1" to 0.15", with a separation
between grounds not to exceed 0.25". If the grounds are on separate
PC layers, then the grounds can overlap without a problem.
However, a large current conducting via connecting the two layers
together should be placed as close to this GND pin as practical.
A PHASE - is one of three phase power output pins to the motor.
Traces from this pin should be sized for 10 amps current.
B PHASE - is one of three phase power output pins to the motor.
Traces from this pin should be sized for 10 amps current.
C PHASE - is one of three phase power output pins to the motor.
Traces from this pin should be sized for 10 amps current.
+AV - is the A phase leg motor supply voltage pin. All V+ pins
shall be connected together on the PC board. Traces should be
sized for 10 amps current to this pin. Motor supply voltage shall be
bypassed with a high quality 100uF electrolytic capacitor, a 1uF
high quality ceramic capacitor and a high quality 6.8uF metalized
polyester capacitor. These capacitors shall be placed as close to
the V+pins and RTN pins as practical to minimize stray induc-
tance between the pins and the capacitors. All V+ pins shall be
connected together on the PC board. Ideally, some sort of power
plane should be used to help reduce stray inductance throughout all
the V+ connections to the capacitors.
+BV - is the B phase leg motor supply voltage pin. All V+ pins
shall be connected together on the PC board. Traces should be
sized for 10 amps current to this pin. Motor supply voltage shall be
bypassed with a high quality 100uF electrolytic capacitor, a 1uF
high quality ceramic capacitor and a high quality 6.8uF metalized
polyester capacitor. These capacitors shall be placed as close to
the V+pins and RTN pin as practical to minimize stray inductance
between the pins and the capacitors. All V+ pins shall be connected
together on the PC board. Ideally, some sort of power plane should
be used to help reduce stray inductance throughout all the V+
connections to the capacitors.
+CV - is the C phase leg motor supply voltage pin. All V+ pins
shall be connected together on the PC board. Traces should be
sized for 10 amps current to this pin. Motor supply voltage shall be
bypassed with a high quality 100uF electrolytic capacitor, a 1uF
high quality ceramic capacitor and a high quality 6.8uF metalized
polyester capacitor. These capacitors shall be placed as close to
the V+pins and RTN pin as practical to minimize stray inductance
between the pins and the capacitors. All V+ pins shall be connected
together on the PC board. Ideally, some sort of power plane should
be used to help reduce stray inductance throughout all the V+
connections to the capacitors.
A RTN - is the power ground return for the A phase high current
path for the motor output. This pin should be connected directly to
the RSENSE pin to allow for proper current sensing.
B RTN - is the power ground return for the B phase high current
path for the motor output. This pin should be connected directly to
the RSENSE pin to allow for proper current sensing.
C RTN - is the power ground return for the C phase high current
path for the motor output. This pin should be connected directly to
the RSENSE pin to allow for proper current sensing.
RESET - is an asserted low, digital logic input for manually resetting
the microprocessor. Activating the pin will halt PWM output and
reset program control. The microprocessor will begin operation in
exactly the same manner as a cold start from power up. This
function is intended to be used as an aid to system development. It
is pulled up to +5V by a 10KΩ resistor internally.
CAN H - is one of two pins for communicating on the CAN bus.
This pin shall be connected to the associated CAN H node on the
host bus.
CAN L - is the second of two pins for communicating on the CAN
bus. This pin shall be connected to the associated CAN L node on
the host bus.
CAN RESET - is an asserted low, digital logic input for manually
resetting the CAN module. Activating this pin will cause the module
to be de-activated, reset to 1M bit/sec speed and re-activated
upon release. This pin shall be externally up to +5V via a 10KΩ
resistor.
RSENSE - is the pin used for current sensing. The A RTN, B RTN,
C RTN pins should all be connected directly to this pin in order to
allow proper current sensing. This pin is connected to one side of
the current sense resistor while the RTN pin is connected to the
other site.
RTN - is the power ground return. All low power ground returns
should be through the GND pin. Traces should be sized for 10
amps current to this pin. The motor supply bypass capacitors shall
be connected to this point as close as practical to minimize stray
inductance between these pins and the capacitors. A power ground
plane shall be used between this pin and the capacitors to help
reduce stray inductance. This power ground plane shall be connected
to the low power GND plane only at one point – the GND pin.
Follow the guidelines explained with GND for details on this
connection.
8548-120 Rev. A 4/14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com