Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4366 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4366
Description  38 Volt Maximum Operating Motor Supply Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4366 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4366_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Set Torque Proportional Value – Commands controller to receive torque proportional gain value.
Send Contents: Command Tag followed by 16 bits of data [3 words].
Command Tag: 0x16
Data: 0x0000 – 0x7FFF
Response Contents: Response Tag only [1 word].
Response Tag: 0x17
Description: Commands the controller to receive the torque proportional gain factor for programming the compensation values for the torque
control digital error loop. Valid values are 0-32767. An input gain of 0 (zero) means that there will be no proportional gain at all, and that the
torque error will go directly to the duty cycle control. A value of 32767 would equal the maximum possible gain. The value is stored in non-
volatile memory and does not have to be re-introduced every time the device is powered up.
Default Data Value: 0x0CCC
4
APPLICATION NOTES CONT'D
APPLICATION NOTES CONT'D
General Error Responses:
0xFFF0 = Invalid Data for Command Sent
0xFFF1 = Invalid Data Length for Command Sent
0xFFF2 = Unrecognized Command Tag
0xFFF3 = Overflow Error; Command not processed
Get Status – Requests status of controller.
Send Contents: Command Tag only [1 word].
Command Tag: 0x10
Response Contents: Response Tag followed by 8 bits of data[2words].
Response Tag: 0x11
Data:
0x01 – Running Mode
0x02 – Brake Mode
0x03 – Disable Mode
Description: Will request status information from the controller. Status will indicate if control is in running mode, brake mode, or disable
mode.
Default Data Value: N/A
Set Disable Mode – Commands controller to halt all PWM activity to the output bridge. Bridge is then inactive.
Send Contents: Command Tag only [1 words].
Command Tag: 0x12
Response Contents: Response Tag only [1 word].
Response Tag: 0x13
Description: Commands the controller to disable the output bridge completely by shutting off all PWM modulation and all
levels necessary
to turn off all of the transistors. With the bridge now inactive, the motor can move freely. This does not reset command or PID history so
motor will resume as last commanded when it is enabled.
Default Data Value: Bridge is disabled by default.
Set Enable Mode – Commands controller to enable all PWM activity to the output bridge. Bridge is then active.
Send Contents: Command Tag only [1 words].
Command Tag: 0x14
Response Contents: Response Tag only [1 word].
Response Tag: 0x15
Description: Commands the controller to enable the output bridge. This will only have an effect if it is in disable mode or brake mode. The
motor will resume normal control and move as previously commanded.
Default Data Value: N/A
MSK 4366 CAN COMMAND SET SUMMARY
8548-120 Rev. A 4/14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com