Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4366 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK4366
Description  38 Volt Maximum Operating Motor Supply Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4366 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK4366_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Mask Bit n
0
1
1
1
1
Filter Bit n
x
0
0
1
1
Accept or Reject bit n
Accept
Accept
Reject
Reject
Accept
Message Identifiere bit
x
0
1
0
1
APPLICATION NOTES CONT'D
APPLICATION NOTES CONT'D
6
Set CAN Mask - Sets the mask bits for the CAN module. For filtering CAN messages.
Send Contents: Command Tag followed by 40 bits of data. Data = First 16 represent the SID bits. The upper 5 bits are ignored. The
remaining 24 bits represent the EID. The upper 6 bits are ignored. When used with an EID, the SID bits and EID bits are combined
with the SID bits being most significant [6 words].
Command Tag: 0x22
Data: 0x00 0000 0000 – 0xFF FFFF FFFF
Response Contents: Response Tag only [1 word].
Response Tag: 0x23
Description: The CAN Mask works with the CAN Filter 1 and 2 in order to decide which messages are meant to be accepted by the controller.
If a given mask bit is set, the corresponding bit in the filter will be used to filter messages. If it is not set, the corresponding bit in the filter
will be ignored. The value is stored in non-volatile memory and does not have to be re-introduced every time the device is powered up.
Default Data Value: 0x00 0000 0000
Set CAN Filter 1 - Sets the filter 1 bits for the CAN module. For filtering CAN messages.
Send Contents: Command Tag followed by 40 bits of data. Data = First 16 represent the SID bits. The upper 5 bits are ignored.
The remaining 24 bits represent the EID. The upper 6 bits are ignored. When used with an EID, the SID bits and EID bits are
combined with the SID bits being most significant [6 words].
Command Tag: 0x24
Data: 00 0000 0000 – 0xFF FFFF FFFF
Response Contents: Response Tag only [1 word].
Response Tag = 0x25
Description: The CAN Filter works with the CAN mask in order to decide which messages are meant to be read by the controller. If a given
mask bit is set, the corresponding bit in the filter will be used to filter messages. If it is not set, the corresponding bit in the filter will be
ignored. The value is stored in non-volatile memory and does not have to be re-introduced every time the device is powered up.
Mask Bit n
0
1
1
1
1
Filter Bit n
x
0
0
1
1
Accept or Reject bit n
Accept
Accept
Reject
Reject
Accept
Message Identifiere bit
x
0
1
0
1
Default Data Value: 0xFF FFFF FFFF
Set CAN Filter 2 - Sets the filter 2 bits for the CAN module. For filtering CAN messages.
Send Contents: Command Tag followed by 40 bits of data. Data = First 16 represent the SID bits. The upper 5 bits are ignored.
The remaining 24 bits represent the EID. The upper 6 bits are ignored. When used with an EID, the SID bits and EID bits are
combined with the SID bits being most significant [6 words].
Command Tag: 0x26
Data: 0x00 0000 0000 – 0xFF FFFF FFFF
Response Contents: Response Tag only [1 word].
Response Tag = 0x27
Description: The CAN Filter works with the CAN mask in order to decide which messages are meant to be read by the controller. If a given
mask bit is set, the corresponding bit in the filter will be used to filter messages. If it is not set, the corresponding bit in the filter will be
ignored. The value is stored in non-volatile memory and does not have to be re-introduced every time the device is powered up.
Default Data Value: 0xFF FFFF FFFF
8548-120 Rev. A 4/14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com