Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4314 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4314 Datasheet HTML 1Page - STMicroelectronics AN4314 Datasheet HTML 2Page - STMicroelectronics AN4314 Datasheet HTML 3Page - STMicroelectronics AN4314 Datasheet HTML 4Page - STMicroelectronics AN4314 Datasheet HTML 5Page - STMicroelectronics AN4314 Datasheet HTML 6Page - STMicroelectronics AN4314 Datasheet HTML 7Page - STMicroelectronics AN4314 Datasheet HTML 8Page - STMicroelectronics AN4314 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
July 2013
DocID024821 Rev 2
1/31
AN4314
Application note
25 W wide-range high power factor buck-boost converter
demonstration board using the L6564H
Introduction
This application note describes a wide-range non-isolated 25 W regulated LED driver with
high power factor. The EVL6564H-25W-BB demonstration board is well-suited to the
Japanese market due to the broad use of standard 100 V
ac
lighting applications and also
200 V
ac
tubes in building automation systems.
The EVL6564H-25W-BB demonstration board has been designed in order to obtain the
highest possible power factor over the entire input mains voltage, remaining compliant to
EN55022 Class-B and keeping the average output current in a tight band with different LED
characteristics.
The board is based on ST's L6564H power factor controller and the SEA05L CC-CV
controller for LED current regulation in a non-isolated flyback configuration.
The form factor has been designed to fit into a standard LED driver case, facilitating the
replacement of the incandescent flood lamps up to 80-100 W power.
Figure 1. EVL6564H-25W-BB demonstration board using the L6564H
www.st.com


Similar Part No. - AN4314

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
AN431 STMICROELECTRONICS-AN431 Datasheet
495Kb / 15P
Using ST6 analog inputs for multiple key decoding
19-Jun-2008
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
STMicroelectronics
AN4310 STMICROELECTRONICS-AN4310 Datasheet
181Kb / 8P
Sampling capacitor selection guide for MCU based touch sensing applications
11-Jun-2014
AN4312 STMICROELECTRONICS-AN4312 Datasheet
978Kb / 36P
Guidelines for designing touch sensing applications with surface sensors
30-Sep-2013
More results

Similar Description - AN4314

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-59 POWERINT-DER-59 Datasheet
384Kb / 17P
4.8 W Buck-Boost Converter Using LNK306P
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
EVL6564H-100W STMICROELECTRONICS-EVL6564H-100W Datasheet
106Kb / 4P
100 W transition-mode PFC pre-regulator demonstration board based on the L6564H
16-Apr-2012
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
35 W wide-range high power factor flyback converter evaluation
20-Jan-2014
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
demonstration board using the VIPer16LN
01-Aug-2011
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
High power factor flyback converter using the L6564
12-Jan-2015
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
10 W wide range - high power factor - isolated LED driver using HVLED815PF
29-Oct-2013
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
10 W wide range non-isolated high power factor LED driver using HVLED815PF
09-Jan-2014
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com