Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4314 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 6Page - STMicroelectronics AN4314 Datasheet HTML 7Page - STMicroelectronics AN4314 Datasheet HTML 8Page - STMicroelectronics AN4314 Datasheet HTML 9Page - STMicroelectronics AN4314 Datasheet HTML 10Page - STMicroelectronics AN4314 Datasheet HTML 11Page - STMicroelectronics AN4314 Datasheet HTML 12Page - STMicroelectronics AN4314 Datasheet HTML 13Page - STMicroelectronics AN4314 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical diagram and bill of material
AN4314
10/31
DocID024821 Rev 2
D8
BAT48J
Schottky-diode SMD-MK 48
STMicroelectronics
D9
STPS3150U
Schottky-diode V
f
0, 82 V @ 25 °C 3 A-SMD-
MKG315
STMicroelectronics
F1
2AT
Fuse 2 A 250 V 8.5 x 4-392/TE05-TIME-LAG
Littelfuse
J1
PS10 mm
Wire jumper 0
Ω
-
J2
PS30 mm
Wire jumper 0
Ω
-
J3
PS23 mm
Wire jumper 0
Ω
-
J4
PS20 mm
Wire jumper 0
Ω
-
J5
PS29 mm
Wire jumper 0
Ω
-
J6
PS12 mm
Wire jumper 0
Ω
-
J7
PS24 mm
Wire jumper 0
Ω
-
J8
PS5 mm
Wire jumper 0
Ω
-
L1
62 mH
Common mode chokes-270 V
ac max
Magnetica
Q1
ZTX560-N.M.
BJT.PNP-hfe 50 to 300
Diode Inc.
Q2
MJE243G
BJT.NPN-hfe 40 to 180
ON
Q3
STI8N65M5
MOSFET-N-0.6
Ω-tr/tf 14/11 ns-trr 200 ns
STMicroelectronics
Q4
FZT560
BJT.PNP-SMD-hfe 50 to 300
Diode Inc.
Q5
FZT560
BJT.PNP-SMD-hfe 50 to 300
Diode Inc.
Q6
BC847C
BJT.NPN-hfe 420 to 800-SMD-MK1G
NXP
Q8
BC847C
BJT.NPN-hfe 420 to 800-SMD-MK1G
NXP
Q9
BC847C
BJT.NPN-hfe 420 to 800-SMD-MK1G
NXP
Q7
STN715-
N.M.
BJT.NPN-SMD-hfe80-MK N715
STMicroelectronics
R1
8.2 K
Resistor 1%
TE-LR1F8K2
R2
N.M.
Resistor 1%
TE-LR1F8K2
R3
20 K
Resistor 1%
TE-LR1F20K
R4
N.M.
Resistor 1%-150V
ac/dc
-EIA0805-SMD
Vishay
R5
1 K
Resistor 1%-150 V
ac/dc
-EIA0805-SMD
Vishay
R6
0.15
Resistor 1%-200 V
ac/dc
-EIA1206-SMD
IRC-LRC
R7
3.3
Resistor 1%-200 V
ac/dc
-EIA1206-SMD
Vishay
R8
330 K
Resistor 1%-200 V
ac/dc
-EIA1206-SMD
Vishay
R9
10 K
Resistor 1%-150 V
ac/dc
-EIA0805-SMD
Vishay
R10
270 K
Resistor 1%-150 V
ac/dc
-EIA0805-SMD
Vishay
R11
62 K
Resistor 1%-150 V
ac/dc
-EIA0805-SMD
Vishay
R12
10 K
Resistor 1%-200 V
ac/dc
-EIA1206-SMD
Vishay
Table 2. Bill of material (continued)
Ref.
Part N.
Type
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com