Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4394 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4394
Description  Evaluation board for SPV1050 ULP harvester
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4394 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4394 Datasheet HTML 2Page - STMicroelectronics AN4394 Datasheet HTML 3Page - STMicroelectronics AN4394 Datasheet HTML 4Page - STMicroelectronics AN4394 Datasheet HTML 5Page - STMicroelectronics AN4394 Datasheet HTML 6Page - STMicroelectronics AN4394 Datasheet HTML 7Page - STMicroelectronics AN4394 Datasheet HTML 8Page - STMicroelectronics AN4394 Datasheet HTML 9Page - STMicroelectronics AN4394 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
13
1
CN4
2-way
screw
connector
TE
Connectivity
282834-2
Connector for external
supply of pin STORE
14
1
C9
47 µF
20%
10 V
0805
TDK
C2012X5R1A47
6M125AC
15
1
R4
6.2 M
5%
0805
RS
RS-0805-6m2-
5%-0.125W
Resistor partitioning for
UVP, EOC, protection
setting
16
1
R5
499 k
1%
0805
VISHAY
CRCW0805499
KFKEA
17
1
R6
2.7 M
1%
0805
VISHAY
CRCW08052M7
0FKEA
18
1
CN2
8-way
screw
connector
TE
Connectivity
282836-8
Connector for battery
and battery status
signals
19
2
C6, C7
100 nF
10%
X7R
0603
KEMET
C0603C104K4R
AC
Tank capacitor for
LDOs
21
2
SW1, SW2
5-pin male
Stripline
Pitch
2.54 mm
TH
Close 2 - 3: LDO
disabled
Close 1 - 2: LDO
enabled
Floating: external
control through CN3
23
1
CN3
4-way
screw
connector
TE
Connectivity
282836-4
Connector for LDOs
enable connection
Table 1. Bill of material (continued)
Sect. Item
Quan-
tity
Reference
Part /
value
Tolerance
%
Voltage
current
Watt
Technol.
info.
Package Manufacturer
Manufacturer
code
More information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com