Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4394 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4394
Description  Evaluation board for SPV1050 ULP harvester
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4394 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4394 Datasheet HTML 10Page - STMicroelectronics AN4394 Datasheet HTML 11Page - STMicroelectronics AN4394 Datasheet HTML 12Page - STMicroelectronics AN4394 Datasheet HTML 13Page - STMicroelectronics AN4394 Datasheet HTML 14Page - STMicroelectronics AN4394 Datasheet HTML 15Page - STMicroelectronics AN4394 Datasheet HTML 16Page - STMicroelectronics AN4394 Datasheet HTML 17Page - STMicroelectronics AN4394 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Component selection
AN4394
14/18
DocID025512 Rev 1
Considering that I = C
• dV/dt, it follows:
Equation 10
Thus:
Equation 11
4.3.3
UVP and EOC setting
The pins UVP and EOC have to be connected to the STORE pin by the resistor partitioning
R4, R5 and R6 to setup the related thresholds by scaling down those voltage values and by
comparing them with the internal voltage reference set at 1.23 V.
The design rules to setup the R4, R5 and R6 are the following:
Equation 12
Equation 13
Further, in order to minimize the leakage due to the output resistor partitioning it has to be
typically:
Equation 14
10 M
 ≤ R4 + R5 + R6 ≤ 20 M
IBATT MAX

ILOAD MAX

CSTORE VDROP MAX

TLOAD ON

-------------------------------------------------------------
–
=
CSTORE TLOAD ON

ILOAD MAX

IBATT MAX

–
VDROP MAX

------------------------------------------------------------------
VBG
VUVP
R5 R6
+
R4 R5 R6
++
------------------------------------
=
VBG
VEOC
R6
R4 R5 R6
++
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com