Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4394 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4394
Description  Evaluation board for SPV1050 ULP harvester
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4394 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4394 Datasheet HTML 8Page - STMicroelectronics AN4394 Datasheet HTML 9Page - STMicroelectronics AN4394 Datasheet HTML 10Page - STMicroelectronics AN4394 Datasheet HTML 11Page - STMicroelectronics AN4394 Datasheet HTML 12Page - STMicroelectronics AN4394 Datasheet HTML 13Page - STMicroelectronics AN4394 Datasheet HTML 14Page - STMicroelectronics AN4394 Datasheet HTML 15Page - STMicroelectronics AN4394 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Component selection
AN4394
12/18
DocID025512 Rev 1
4.2
Input capacitance
Every 16 seconds (typical) the SPV1050 device stops switching for 400 ms. During this time
frame the input capacitor C1 is charged up to VOC by the source: the voltage will rise
according to the time constant (T1), which depends both on its capacitance and on the
equivalent resistance REQ of the source.
In case of the PV panel source, assuming IMP(min) as the minimum current at which the MPP
must be guaranteed, the REQ can be calculated as follows:
Equation 5
Consequently
Equation 6
Figure 10 and Figure 11 show the effect of different value of the C1 on the time constant: too
high capacitance might be not charged within the 400 ms time window affecting the MPPT
precision.
The default C1 = 4.7
F capacitance covers the most typical application cases. The energy
extracted from the harvested source, and stored in the input capacitance, is transferred to
the load by the DC-DC converter though the inductor. The energy extracted by the inductor
depends by the sink current: the higher input currents cause higher voltage drop on the
input capacitance and this may result a problem for low voltage (< 1 V) and high energy
(> 20 mA) sources. In such application cases the input capacitance has to be increased or,
alternatively the L1 inductance has to be reduced.
The SPV1050 performances might be further improved by reducing the time constant
(e.g. reducing input capacitance) at very low input power.
REQ
VOC VMPP
–
IMP min

--------------------------------
VOC 1MPPRATIO
–

IMP min

-------------------------------------------------------------
==
C1
T1
REQ
-----------
Figure 10. Input stage equivalent circuit
Figure 11. Effect of C1 on sampled voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com