Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1040 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1040
Description  STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1040 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1040 Datasheet HTML 2Page - STMicroelectronics UM1040 Datasheet HTML 3Page - STMicroelectronics UM1040 Datasheet HTML 4Page - STMicroelectronics UM1040 Datasheet HTML 5Page - STMicroelectronics UM1040 Datasheet HTML 6Page - STMicroelectronics UM1040 Datasheet HTML 7Page - STMicroelectronics UM1040 Datasheet HTML 8Page - STMicroelectronics UM1040 Datasheet HTML 9Page - STMicroelectronics UM1040 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Connection and initialization
UM1040
6/19
Doc ID 18362 Rev 3
for linear EnDAT
–
configure the number of bits per polar step
for sincos read through the resolver input
–
disactivate the sincos fault alarm
●
Configuration > Motor
–
number of poles
–
resistance and inductance phase-to-phase
–
torque constant
–
nominal and max. torque (used only in the autotuning session)
–
motor max. speed
–
temperature alarm threshold which must be enabled if the motor installs the
correct type of probe for the SPIMD20 (see the SPIMD20 datasheet)
●
Configuration > Holding Brake:
Parameters for a holding brake connected to the SPIMD20 (for the power supply and the
brake max. absorption, see the SPIMD20 datasheet).
●
Configuration > Drive:
“Max current” alarm enable:
–
configure the thresholds for the used DCBUS and enable the relevant diagnosis
–
set the required thresholds and enable the temperature alarm for the heatsink and
the control board
●
Configuration > Advanced Settings:
–
–Confirm the parameters’ default configuration
–
Configuration > Digital I/O:
–
I/O 1 and I/O 2 are digital inputs
–
I/O 3 and I/O 4 are digital outputs
–
Loop > Speed Reference > torque limit and current filters. Configure the required
torque limits
Note:
For the auto-tuning it is recommended to set the motor nominal torque value in all three
fields
–
Save the parameters into the SPIMD20 Flash through the dedicated key in the
configurator toolbar
–
At the end of the parameter save session, restart the SPIMD20 by switching off
and on the auxiliary supply or by entering the command “SWRESET” in the shell
partition (some parameters are detected only at startup)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com