Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1040
Description  STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1040 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1040 Datasheet HTML 1Page - STMicroelectronics UM1040 Datasheet HTML 2Page - STMicroelectronics UM1040 Datasheet HTML 3Page - STMicroelectronics UM1040 Datasheet HTML 4Page - STMicroelectronics UM1040 Datasheet HTML 5Page - STMicroelectronics UM1040 Datasheet HTML 6Page - STMicroelectronics UM1040 Datasheet HTML 7Page - STMicroelectronics UM1040 Datasheet HTML 8Page - STMicroelectronics UM1040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2011
Doc ID 18362 Rev 3
1/19
UM1040
User manual
STEVAL-SPIMD20 demonstration kit based on
the SPIMD20 integrated motor drive
Introduction
The STEVAL-SPIMD20 demonstration kit provides a complete demonstration platform for
evaluating the functionality and the performance of the SPIMD20 power drive system
designed by STMicroelectronics in cooperation with ROBOX S.p.A.
The SPIMD20 is an integrated motor drive with real-time connectivity enabling brushless
motor manufacturers to create a proprietary motion control system based on a general
purpose brick.
Figure 1.
STEVAL-SPIMD20 demonstration kit
www.st.com


Similar Part No. - UM1040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10406 NXP-UM10406 Datasheet
389Kb / 21P
SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
More results

Similar Description - UM1040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3157 STMICROELECTRONICS-AN3157 Datasheet
483Kb / 26P
STEVAL-IPE010V1 poly-phase demonstration kit
28-Apr-2010
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
AN4396 STMICROELECTRONICS-AN4396 Datasheet
760Kb / 19P
The STEVAL-ISV021V1 is a demonstration kit which consists
03-Jun-2014
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
STEVAL-ISA081V1 demonstration board based
08-Jun-2012
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
AN3961 STMICROELECTRONICS-AN3961 Datasheet
2Mb / 46P
STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
29-Apr-2014
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-ISV021V1 STMICROELECTRONICS-STEVAL-ISV021V1 Datasheet
342Kb / 10P
Energy harvesting demonstration kit based on SPV1050
December 2015 Rev 3
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com