Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1040 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1040
Description  STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1040 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1040 Datasheet HTML 4Page - STMicroelectronics UM1040 Datasheet HTML 5Page - STMicroelectronics UM1040 Datasheet HTML 6Page - STMicroelectronics UM1040 Datasheet HTML 7Page - STMicroelectronics UM1040 Datasheet HTML 8Page - STMicroelectronics UM1040 Datasheet HTML 9Page - STMicroelectronics UM1040 Datasheet HTML 10Page - STMicroelectronics UM1040 Datasheet HTML 11Page - STMicroelectronics UM1040 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Connection and initialization
UM1040
8/19
Doc ID 18362 Rev 3
If it is activated with other types of transducers, an autotuning alarm indicates that the
transducer is wrong. A fix current vector is positioned on the “U” phase. The offset
angle between the transducer and the motor (Resolver phase) is calculated.
●
Calculate and Store EnDat Phase
Refers to motors installing EnDat resolvers.
If it is activated with other types of transducers, an autotuning alarm indicates that the
transducer is wrong.
A fixed current vector is positioned on the “U” phase. The offset angle between the
transducer and the motor (EnDat phase) is calculated and then saved in the EnDat
retentive memory. The SPIMD20 transducer is then automatically initialized.
●
Calculate SinCos Phase
Refers to motors installing SinCos resolvers read through the resolver input of the
SPIMD20.
If it is activated with other types of transducers, an autotuning alarm indicates that the
transducer is wrong.
A fixed current vector is positioned on the “U” phase. The offset angle between the
transducer and the motor (Resolver phase) is calculated.
●
Check Motor Wiring
Checks that the motor phases sequence and the transducer wiring are correct, so that
the speed loop is correctly closed.
It checks that the ratio between the number of the motor poles and those of the
transducer is correct.
A driving sequence of the current vector is executed. The vector is firstly positioned on
the “U” phase, then on the “V” phase, and in the end, on the “W” phase.
Note that he correct phase sequence must ensure that the motor moves clockwise
(view from the shaft side) when the current tests are activated with an adequate
reference and the current vector is positioned in sequence on the U, V, and W phases.
If not, the motor phases wiring must be reversed.
With this sequence of the current vector the position read by the position transducer
must increase in a positive direction by the correct number of bits, depending on the
motor/transducer poles ratio.
If this test results in a “Delta Angle” alarm, it means that the torque value is too small to
execute the test.
If the polar sequence and the transducer direction are not correct, it results in a “Motor
Wiring” alarm.
With motors installing resolvers the transducer direction is inverted, for instance,
reversing the signals cos+ and cos-.
The software has been designed following the regulation of the BRX resolvers with the
following wiring colors:
–
Primary Exc+ (red/white) Exc- (yellow/white or black/white)
–
Secondary Sin+ (yellow) Sin- (blue)
–
Secondary Cos+ (red) Cos- (black)
If a motor with rotary EnDat is installed, the parameter “EnDat Rotation Sign” in the
menu Configuration > Transducer > EnDat (Rotary Encoders) must be reversed (it can
be modified only in “Pre Operational” mode, remember to save it to the Flash memory
then return to “operational” mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com