Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1889 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 2Page - STMicroelectronics AN1889 Datasheet HTML 3Page - STMicroelectronics AN1889 Datasheet HTML 4Page - STMicroelectronics AN1889 Datasheet HTML 5Page - STMicroelectronics AN1889 Datasheet HTML 6Page - STMicroelectronics AN1889 Datasheet HTML 7Page - STMicroelectronics AN1889 Datasheet HTML 8Page - STMicroelectronics AN1889 Datasheet HTML 9Page - STMicroelectronics AN1889 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ESBT: theory and evolution
AN1889
6/33
As shown in Figure 3, a DMOS structure is diffused on a higher resistivity layer overlaying
the highly doped emitter region (NBL in the cross section). In terms of diffused and
deposited layers the DMOS structure is quite similar to that of a standard low voltage power
MOSFET even if, of course, its layout is arranged to match the emitter geometry of the BJT
stage. Finally the base contact are placed on a diffused layer deep enough to reach the
base buried layer (PBL).
As previously mentioned to switch-on the ESBT it is necessary to positively bias the gate
with a voltage higher than its threshold (typically 3.5 V for the device in subject), this will
generate, like in all voltage driven transistors, the inversion of the portion of the body region
under the gate oxide of the vertical n-channel MOSFET, so that the emitter results
connected to the ground. In the mean time the base driver supplies the current needed to
saturate the BJT stage leading the ESBT to a high on-state current density due to the high
injection of electrons from the N+ emitter region, similarly to the case of pure power bipolar
transistors. The On-voltage drop is represented by the Collector-Source saturation voltage,
say the VCS(sat), and it is consequently given by the contribution of the VCE(sat) of the bipolar
stage plus the small voltage drop of the low voltage MOSFET. Being the bipolar behavior
predominant, the voltage drop results not very sensitive to the temperature variations.
With zero bias in the gate and with grounded base the device behaves like a reverse biased
diode during the off state. The switching-off behavior had already been deeply analyzed at
the beginning of this chapter. It is important to add that the sandwich structure gives an
uniformity of the current density across the whole area of the device. In fact the MOSFET
placed over the BJT (in series with its emitter) acts as a sort of "ideal ballast emitter resistor"
for all of the elementary cells that form the whole transistor. This gives to the device not only
excellent power dissipation but also the suitability to be paralleled with similar devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com