Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1889 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 4Page - STMicroelectronics AN1889 Datasheet HTML 5Page - STMicroelectronics AN1889 Datasheet HTML 6Page - STMicroelectronics AN1889 Datasheet HTML 7Page - STMicroelectronics AN1889 Datasheet HTML 8Page - STMicroelectronics AN1889 Datasheet HTML 9Page - STMicroelectronics AN1889 Datasheet HTML 10Page - STMicroelectronics AN1889 Datasheet HTML 11Page - STMicroelectronics AN1889 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Application description
AN1889
8/33
2.1
Pre-design requisite
Figure 5 below reported shows the simplified fly-back schematic plus the voltage qualitative
behavior (not in scale) that the switch has to sustain during turn-off operation (point T in the
figure).
Figure 5.
Simplified fly-back schematic diagram
VIN is the maximum input rectified voltage that in 3-phase auxiliary power supplies can be
as high as 750 V.
Vfl is the reflected fly-back voltage; this is one of the most important parameter in the
transformer design since the input-to-output turn ratio strongly depends on it. The voltage
ringing across VIN is generated by the primary inductance that resonates with the equivalent
capacitance at the point T in the figure. This capacitance is mainly due to parasitic
capacitances of the transformer and main switch.
Vspike is the voltage generated by the leakage inductance of the transformer at primary side.
It must be noted that the energy generated by the mutual inductance at the primary of the
transformer cannot be transferred to the secondary until the leakage inductance is fully
demagnetized. It is the clamping circuit that fixes the value of the voltage at which the
demagnetization process occurs. The voltage ringing in the figure across Vfl is generated by
the leakage inductance that resonates with the equivalent capacitance at point T mentioned
before.
The highest overvoltage peak is due to the delay of the diode in the clamping circuit. A good
safety margin must take care of this overvoltage and some transient spikes at start-up.
Transformer design is the major part in a power supply project. A few degrees of freedom
are available to the designer starting from the target data, and most of them are linked each
other so that the final project is often achieved through a re-iteration process.
The table below lists the converter specification data and the first parameters that a
designer has to fix from scratch when a new project of a fly-back converter is going to be
approached. In the last column the values chosen for the present board are reported.
Clamping circuit
Main switch
V
V IIN
N
V
V ffll
V
V SSppiikkee
M
Ma
ar
rg
giin
n
O
Offff
O
Ov
ve
er
rv
vo
olltta
ag
ge
e
V
Vo
olltta
ag
ge
e
r
riin
ng
giin
ng
g
V
V
tt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com