Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2053 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2053
Description  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2053 Datasheet HTML 2Page - STMicroelectronics AN2053 Datasheet HTML 3Page - STMicroelectronics AN2053 Datasheet HTML 4Page - STMicroelectronics AN2053 Datasheet HTML 5Page - STMicroelectronics AN2053 Datasheet HTML 6Page - STMicroelectronics AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics AN2053 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LCP topology based protection family
AN2053
6/15
Doc ID 10917 Rev 2
3
LCP topology based protection family
The family of protection systems based on the LCP concept has two kinds of products.
●
The LCP15xx protects lines within the range of GND to - Vbat. The electrical
characteristics given in Figure 5 shows the asymmetry of this protection function. The
Vg threshold voltage is programmed by the negative voltage on the gate pin. This
voltage is within the range of 0 to -175 V for the LCP1521S
Figure 7.
LCP15xx circuit and electrical characteristics
●
The LCPx2-150B1is designed to protect the lines where the normal operating voltage
can be negative as well as positive and located between -Vbat and +Vb. The electrical
characteristics given in Figure 6 show a crowbar adjustable function for both positive
and negative parts of the curve. The knee of the positive part of the curve is
programmed by the voltage on the gate Gp pin while the knee of the negative part is
programmed by the voltage on the gate Gn pin.
Figure 8.
LCPx2 circuit and electrical characteristics
TIP
RING
G
GND
I
V
Vg
Ih
Gn
TIP
RING
Gp
GND
I
V
Vgn
Vgp
Ih-
Ih+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com