Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2053 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2053
Description  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2053 Datasheet HTML 6Page - STMicroelectronics AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics AN2053 Datasheet HTML 10Page - STMicroelectronics AN2053 Datasheet HTML 11Page - STMicroelectronics AN2053 Datasheet HTML 12Page - STMicroelectronics AN2053 Datasheet HTML 13Page - STMicroelectronics AN2053 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Long line protection
AN2053
10/15
Doc ID 10917 Rev 2
Figure 14.
LCPx2-150B1 behavior during GR-1089 Core 10/1000µs +1kV test,
RS = 50
Ω
Figure 15.
LCPx2-150B1 behavior during GR-1089 Core 10/1000µs -1kV test,
RS = 50
Ω
Figure 14 and 15 show currents and voltages for the LCPx2-150B1 during both positive and
negative GR-1089 Core 10/1000 µs tests. These measurements were done at ±1 kV on a
board equipped with series resistance RS 50
Ω. For these measurements the positive gate
Gp and negative gate Gn are connected to 220 nF speed up capacitors and are respectively
biased at + and - 65 V. In such a condition the maximum remaining voltage during the firing
phase is roughly ± 75 V.
Is : 5A/div
Vgp : 20V/div
VTip : 20V/div
Vgn : 20V/div
Is : 5A/div
VTip : 20V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com