Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2053 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2053
Description  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2053 Datasheet HTML 4Page - STMicroelectronics AN2053 Datasheet HTML 5Page - STMicroelectronics AN2053 Datasheet HTML 6Page - STMicroelectronics AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics AN2053 Datasheet HTML 10Page - STMicroelectronics AN2053 Datasheet HTML 11Page - STMicroelectronics AN2053 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Long line protection
AN2053
8/15
Doc ID 10917 Rev 2
Figure 10.
LCP15xx behavior during 10/700µs negative surge
Figure 10 shows both surge current through the TIP pin of a LCP15xx and the voltage
across it when submitted to a 20 A 10/700 µs ITU-T K20 surge. The TIP voltage falls to the
battery voltage (-48 V) and then fires.
Figure 11.
LCP15xx behavior during 10/700µs positive surge
During a positive surge on TIP wire, the diode between TIP to GND conducts and then all
the surge current flows through the ground. This behavior is shown in Figure 11.
V tip : 10V/div
I line : 5 A /div
V tip : 1V/div
I line : 5 A /div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com