Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2482 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2482
Description  The purpose of this document
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2482 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2482 Datasheet HTML 2Page - STMicroelectronics AN2482 Datasheet HTML 3Page - STMicroelectronics AN2482 Datasheet HTML 4Page - STMicroelectronics AN2482 Datasheet HTML 5Page - STMicroelectronics AN2482 Datasheet HTML 6Page - STMicroelectronics AN2482 Datasheet HTML 7Page - STMicroelectronics AN2482 Datasheet HTML 8Page - STMicroelectronics AN2482 Datasheet HTML 9Page - STMicroelectronics AN2482 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Thermal dissipation calculation
AN2482
6/18
2
Thermal dissipation calculation
2.1
Normal forward polarity of all inputs case
Referring to the PCLT diagram defined in Figure 1., the dissipated power for both
configurations can be calculated as follows:
The worst case scenario occurs when IIN and ICC are maximum (values are given in the
datasheet):
and when the voltage drops between PCLT input and output or LED_output.
With the conditions VCC = 30 V, RREF = 10 kΩ, VSENSOR = 0 V, VOUT = 0.9 V, RIN = 750 Ω,
and VOUT_LED = 1.5 V
But this normal forward input polarity is not the worst case of PCLT power dissipation. See
the next section.
2.2
Reverse polarity on a single input case
Each input of the PCLT circuit may be biased to a reverse polarity equal to - VCC. This case
corresponds to a connection mistake or a reverse biasing that is generated by the
demagnetization of a monitored inductive solenoid.
The involved input can withstand a high reverse current up to 20 mA. Its corresponding
opto-coupler output is then OFF and is protected by the clamping input diode. The other
input remains operational, and some power is dissipated in their clamping protections.
The losses in reverse input polarity configuration (see Figure 6.) are:
()
()
LED
the
of
drop
voltage
forward
the
is
input
coupler
opto
the
of
drop
voltage
forward
the
is
sensor
input
the
of
drop
voltage
the
is
2.9V
V
if
4
.
0
6
.
0
2
0.75V
V
if
1
.
0
3
.
0
6
.
0
2
MOD
_
_
MOD
_
_
_
where V
V
V
V
where V
V
V
V
where V
I
R
V
V
V
I
V
I
V
I
V
I
V
P
I
V
I
V
I
V
I
V
P
LED
LED
IN
IN_LED
OUT
OUT
IN
IN_OUT
SENSOR
IN
IN
SENSOR
CC
IN
IN
IN
IN
LED
IN
DD
MOD
C
C
MODE
CMOS
IN
IN
IN
OUT
IN
IN
LED
IN
C
C
MODE
OPTO
−
=
−
=
⋅
−
−
=
>
⋅
⋅
+
⋅
⋅
+
⋅
+
⋅
=
<
⋅
⋅
+
⋅
⋅
+
⋅
⋅
+
⋅
=
2.0mA
I
8.8mA
I
C_MAX
IN_MAX
=
=
mW
P
mW
P
MODE
CMOS
MODE
OPTO
440
430
_
_
=
=
mW
Pdis
P
P
P
P
Pdis
PCLT
RIN
dis
RIN
dis
RC
dis
ed
TOTdeliver
PCLT
566
_
_
2
_
1
_
_
=
−
−
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com