Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2482 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2482
Description  The purpose of this document
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2482 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2482 Datasheet HTML 6Page - STMicroelectronics AN2482 Datasheet HTML 7Page - STMicroelectronics AN2482 Datasheet HTML 8Page - STMicroelectronics AN2482 Datasheet HTML 9Page - STMicroelectronics AN2482 Datasheet HTML 10Page - STMicroelectronics AN2482 Datasheet HTML 11Page - STMicroelectronics AN2482 Datasheet HTML 12Page - STMicroelectronics AN2482 Datasheet HTML 13Page - STMicroelectronics AN2482 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Unisolated AS-interface bus application
AN2482
10/18
3
Unisolated AS-interface bus application
3.1
Application overview
The AS-Interface bus is a low-end field bus for actuators and sensors in manufacturing and
industrial automation. Its electrical architecture uses an unshielded 2-wire yellow cable that
transports both the 24 V power supply of the field nodes and the serial bidirectional data
communication.
Figure 11.
Simplified architecture of AS-interface Bus
The data communication is achieved with a current carrier modulation superimposed over
the power wires. Therefore, the power bus terminals are filtered in order to maintain identical
and calibrated differential and common mode impedances measured by both master and
slave units.
3.2
Isolation of the sensor section and the supply from
data/supply bus
The PCLT can be designed as an interface between a proximity sensor and its associated
slave controller unit.
The sensor power supply is generated from the bus power supply with a filter and a
regulator that are inserted in the slave unit. In the same manner, the sensor logic signal is
isolated from the AS-Interface power supply bus to avoid any degradation of the data
transmission.
A conventional way to achieve the interface with the PCLT and the AS-Interface controller is
to insert an opto-coupler between the AS-Interface controller and the PCLT that runs in
opto-coupler mode as shown on Figure 4. (MOD pin grounded).
I/O SLAVE
AS-i SLAVES
AS-i MASTER
I/O SLAVE
I/O SLAVE
I/O SLAVE
AS-i SLAVES
AS-i MASTER
I/O SLAVE
I/O SLAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com