Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2482 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2482
Description  The purpose of this document
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2482 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2482 Datasheet HTML 1Page - STMicroelectronics AN2482 Datasheet HTML 2Page - STMicroelectronics AN2482 Datasheet HTML 3Page - STMicroelectronics AN2482 Datasheet HTML 4Page - STMicroelectronics AN2482 Datasheet HTML 5Page - STMicroelectronics AN2482 Datasheet HTML 6Page - STMicroelectronics AN2482 Datasheet HTML 7Page - STMicroelectronics AN2482 Datasheet HTML 8Page - STMicroelectronics AN2482 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2007
Rev 1
1/18
AN2482
Application note
PCLT (Programmable current limited termination)
Introduction
The purpose of this document is:
■ To describe the PCLT behavior (refer also to data sheet)
■ To give useful recommendations to achieve robust PCLT designs regarding EMI test
(IEC 61000-4-5 and 4-4)
■ To give information on thermal behavior of PCLT in its application
■ To describe the demonstration board and recommendations for use
Contents
1
PCLT Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.1
Main features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.3
External biasing resistor settings
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.4
Protection against reverse polarity of power supply
. . . . . . . . . . . . . . . . . 5
1.5
Opto-coupler and CMOS modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Thermal dissipation calculation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1
Normal forward polarity of all inputs case . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.2
Reverse polarity on a single input case . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.3
RTH adjustment with PCB area . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.4
Experimental Tj measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3
Unisolated AS-interface bus application . . . . . . . . . . . . . . . . . . . . . . . 10
3.1
Application overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3.2
Isolation of the sensor section and the supply from data/supply bus . . . . 10
3.3
Un-isolated connection of the PCLT with AS-Interface controller . . . . . . . 11
4
Electromagnetic compatibility (EMC) requirements . . . . . . . . . . . . . . 12
5
Demo board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
5.1
Description of the PCLT-2A demo board . . . . . . . . . . . . . . . . . . . . . . . . . 14
5.2
Operating instructions of the PCLT-2A demo-board . . . . . . . . . . . . . . . . . 15
6
Conclusion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
www.st.com


Similar Part No. - AN2482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
Video signal standards
15-May-2007
AN2484 STMICROELECTRONICS-AN2484 Datasheet
674Kb / 10P
STOTG04 in power down mode
03-Apr-2007
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
AN2487 STMICROELECTRONICS-AN2487 Datasheet
868Kb / 32P
power over Ethernet powered device demonstration board
08-Aug-2008
More results

Similar Description - AN2482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RM0029 STMICROELECTRONICS-RM0029 Datasheet
13Mb / 1740P
The primary objective of this document
24-Sep-2013
AN4233 STMICROELECTRONICS-AN4233 Datasheet
245Kb / 12P
The purpose of this document is to provide a methodology
16-Jan-2013
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
The purpose of this document is to describe
03-Jun-2013
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
The purpose of this document is to provide information
03-May-2012
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
02-May-2012
TN0047 STMICROELECTRONICS-TN0047 Datasheet
133Kb / 9P
The purpose of this technical
16-Jul-2007
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
The purpose of this document
28-Jan-2015
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
logo
REAN
NYS367-2 REAN-NYS367-2 Datasheet
161Kb / 1P
THIS DOCUMENT IS THE PROPERTY OF NEUTRIK.
2015.06.18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com