Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3007 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3007
Description  100 Mbps and Gigabit Ethernet protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3007 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3007 Datasheet HTML 3Page - STMicroelectronics AN3007 Datasheet HTML 4Page - STMicroelectronics AN3007 Datasheet HTML 5Page - STMicroelectronics AN3007 Datasheet HTML 6Page - STMicroelectronics AN3007 Datasheet HTML 7Page - STMicroelectronics AN3007 Datasheet HTML 8Page - STMicroelectronics AN3007 Datasheet HTML 9Page - STMicroelectronics AN3007 Datasheet HTML 10Page - STMicroelectronics AN3007 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN3007
100 Mbps and Gigabit Ethernet protection circuits with SLVU2.8
Doc ID 16018 Rev 1
7/20
Note that both SLVU2.8-4A1 and SLVU2.8-8A1 can protect 100 Mbps and Gigabit Ethernet
circuits. Figure 6 shows one SLVU2.8-4A1 protecting one 100 Mbps Ethernet port.
As the I/Os inside SLVU2.8-4A1 are not internally connected, note that the connections are
assumed thanks to PCB tracks running under the SLVU2.8-4A1.
One SLVU2.8-8A1 can also be used to protect two 100 Mbps Ethernet ports. Figure 7
shows one SLVU2.8-8A1 protecting one Gigabit Ethernet port.
Two SLVU2.8-4A1 can also be used to protect one Gigabit Ethernet port to offer a more
convenient layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com