Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3007 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3007
Description  100 Mbps and Gigabit Ethernet protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3007 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3007 Datasheet HTML 1Page - STMicroelectronics AN3007 Datasheet HTML 2Page - STMicroelectronics AN3007 Datasheet HTML 3Page - STMicroelectronics AN3007 Datasheet HTML 4Page - STMicroelectronics AN3007 Datasheet HTML 5Page - STMicroelectronics AN3007 Datasheet HTML 6Page - STMicroelectronics AN3007 Datasheet HTML 7Page - STMicroelectronics AN3007 Datasheet HTML 8Page - STMicroelectronics AN3007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AN3007
Telecom disturbances
Doc ID 16018 Rev 1
3/20
1
Telecom disturbances
Figure 2 shows the previous Ethernet network when it is submitted to disturbances. These
transients are mainly due to two kinds of disturbance. The first one occurs on outside lines
and is linked to atmospheric effects (lightning). The second one happens on inside lines and
is due to electrostatic discharge (ESD). Today, tests for withstanding these disturbances are
defined in international standards.
Figure 2.
Line disturbance and protection location
The standard used to qualify Ethernet equipment against lightning strikes is the
IEC 61000-4-5 standard. This recommendation is based on the 1.2 / 50 µs – 8 / 20 µs
combination waveform (1.2 / 50 µs open-circuit voltage waveform and a 8 / 20 µs short-
circuit current waveform).
In Ethernet applications, Level 2 of this standard, which corresponds to 1 kV, is the most
often required. The test series resistance to be considered is 42
Ω (40 + 2 Ω of generator
internal resistance). Then, the equipment has to withstand a current of 24 A.
Figure 3, Table 1, and Figure 4 present the IEC 61000-4-5 surge test definition. First, a
simplified circuit of the 1.2 / 50 µs – 8 / 20 µs combination wave generator is shown
(Figure 3), then a table providing the open-circuit test voltage for each test level of the
standard (Table 1), and finally an example of a test setup (Figure 4).
Figure 3.
Simplified circuit of the combination wave generator (1.2/50 µs - 8/20 µs)
Hub
Ethernet card
Lightning
and
ESD
Protection
R4
R3
C
U
R1
R2
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com