Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3007 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3007
Description  100 Mbps and Gigabit Ethernet protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3007 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3007 Datasheet HTML 1Page - STMicroelectronics AN3007 Datasheet HTML 2Page - STMicroelectronics AN3007 Datasheet HTML 3Page - STMicroelectronics AN3007 Datasheet HTML 4Page - STMicroelectronics AN3007 Datasheet HTML 5Page - STMicroelectronics AN3007 Datasheet HTML 6Page - STMicroelectronics AN3007 Datasheet HTML 7Page - STMicroelectronics AN3007 Datasheet HTML 8Page - STMicroelectronics AN3007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Telecom disturbances
AN3007
4/20
Doc ID 16018 Rev 1
Figure 4.
IEC 61000-4-5 - simplified schematic of test setup
The IEC 61000-4-5 standard requires five applications of each polarity on the equipment.
This standard defines several acceptance criteria depending on the state of the equipment
after the test (performance still ok, degradation of the performance, damage of the
equipment).
Ethernet applications usually recommend the A criterion of IEC 61000-4-5. That is, normal
performance of the equipment after test.
The most commonly used standard to qualify Ethernet equipment against ESD is the
IEC 61000-4-2 standard.
Table 2 gives the test voltage for each test level of the standard, for both contact and air
discharge tests. Generally, Level 4 is required, i.e. the equipment has to withstand 8 kV
contact and 15 kV air discharge.
Similarly, Ethernet applications usually recommend the A criterion of IEC 61000-4-2.
Table 1.
IEC 61000-4-5 surge test levels
Level
Open-circuit test voltage (kV)
10.5
21.0
32.0
44.0
Table 2.
IEC 61000-4-2 test levels
1a - contact discharge
1b - air discharge
Level
Test voltage
Level
Test voltage
12
1
2
24
2
4
36
3
8
48
4
15
EUT
Combination
wave
generator
S1
S2
Decoupling network
R=40
Ω
C
Earth reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com