Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3994 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 33Page - STMicroelectronics AN3994 Datasheet HTML 34Page - STMicroelectronics AN3994 Datasheet HTML 35Page - STMicroelectronics AN3994 Datasheet HTML 36Page - STMicroelectronics AN3994 Datasheet HTML 37Page - STMicroelectronics AN3994 Datasheet HTML 38Page - STMicroelectronics AN3994 Datasheet HTML 39Page - STMicroelectronics AN3994 Datasheet HTML 40Page - STMicroelectronics AN3994 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
AN3994
MOSFET critical parameters in high switching environments
Doc ID 022380 Rev 1
37/53
Both parasitic inductances (drain and common source) impact on the VGS(t) and IG(t)
waveforms, as the voltage across the Ls is directly subtracted (or added in the case of a
turn-off event) from the input VGM, while the voltage induced across the LD changes the
voltage value of the Cds capacitance.
The effect of both inductances on the VGS(t), ID(t) and VDS depends on the relative values of
LD and Ls, rather than RG and the internal MOSFET capacitances Cgd and Cgs.
Under high current levels and low Ls values, the MOSFET experiences high voltage
overshoot during turn-off. Additionally, the voltage across the LD during the positive di/dt at
turn-on is subtracted from the VDS voltage across the switch and this is evident as a
“missing step” in the voltage waveform.
Figure 44.
Turn-on of STW77N65M5@400 V, 13 A, 25 °C
Figure 44
shows the turn-on of the STW77N65M5 working in the STEVAL-ISF001V1 3 kW
PFC, where the parasitic source inductance has been dramatically cut thanks to the 4-pin
solution (explained in Section 7.2). Nevertheless, the parasitic drain component is still
present, causing the typical “missing step” in the voltage waveform.
On the contrary, as the Ls value becomes significant if compared to the LD value, the driving
loop circuit has a relevant impact on the switching behavior, slowing down the ID current.
This implies an energy loss which worsens both at turn-on and at turn-off.
In the following sections, the impact of common source inductance and the main switching
loop inductance is analyzed by making the hypothesis of neglecting one of the two
contributors.
7.2
Common source inductance
The source inductance plays the most important role in influencing the switching
performances of a Power MOSFET, especially when high current levels need to be
commutated.
When dealing with source inductance, it is necessary to split it between an internal
component (the source bond wire inside the MOSFET package) and external components
including the inductance wiring between the source pin and the common ground of the PCB.
AM10807v1
V
DS
“missing step” at turn-on
D
due to high parasitic L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com