Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3994 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 35Page - STMicroelectronics AN3994 Datasheet HTML 36Page - STMicroelectronics AN3994 Datasheet HTML 37Page - STMicroelectronics AN3994 Datasheet HTML 38Page - STMicroelectronics AN3994 Datasheet HTML 39Page - STMicroelectronics AN3994 Datasheet HTML 40Page - STMicroelectronics AN3994 Datasheet HTML 41Page - STMicroelectronics AN3994 Datasheet HTML 42Page - STMicroelectronics AN3994 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
AN3994
MOSFET critical parameters in high switching environments
Doc ID 022380 Rev 1
39/53
On the contrary, when high drain currents/high
ΔI/dt are involved, the induced voltage V
Ls
becomes large enough to significantly interfere with the gate bias.
A second order effect related to the source inductance is that RGtot, Ls, and Ciss (at turn-on)
are the RLC components of a series resonant circuit, as shown in Figure 46.
Figure 46.
Simplified equivalent series resonant model of the driving circuit of a
MOSFET
As far as the resonance aspect is concerned, the phenomenon is due to the Ls inductor and
the MOSFET input capacitor energy exchange (if turn-off is considered, the capacitor
involved is the drain source Cds). This results in the output current (gate current IG) and
voltage oscillatory spikes which can lead to unwanted turn-on if the VGS voltage reaches the
threshold value.
The Q factor of the resonant circuit which is also related to the Ls value and is responsible of
the output signal time response, can be reduced by increasing the total gate resistor
components along the driving loop (which comprises the external RG, the MOSFET intrinsic
RG and the driver output impedance).
If especially small sizes are involved, a higher gate resistor causes under damped
oscillations in the gate drive voltage waveforms but results in turn-on/turn-off time widening.
On the other hand, if RG values need to be lowered to optimize the energy losses at turn-on
and turn-off, the user must accept the possibility of spurious gate driving waveforms.
7.3
Minimizing common source inductance: layout optimization
and Kelvin source connection on STW77N65M5
The negative impact on turn-on and turn-off energy losses, due to the source inductance,
can be minimized by taking particular care of the layout during the design phase: the gate
driving loop should be as short as possible to minimize the total parasitic loop inductance
and more precisely, the common source wiring between the commutation loop and the gate
loop should be as short as possible (ideally zero) to minimize the slowing action of the Ls on
the drain current. This could be accomplished by placing the driving stage GND directly
connected to the source pin of the switch or very close to it, as shown in Figure 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com